Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S005C6T6CTR Datasheet(PDF) 88 Page - STMicroelectronics

Part # STM8S005C6T6CTR
Description  Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S005C6T6CTR Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STM8S005C6T6CTR Datasheet HTML 84Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 85Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 86Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 87Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 88Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 89Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 90Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 91Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 103 page
background image
Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in the I/O
port pin characteristics section does not affect the ADC accuracy.
Table 45: ADC accuracy with RAIN < 10 kΩ RAIN, VDDA = 3.3 V
Unit
Max
(1)
Typ
Conditions
Parameter
Symbol
LSB
2.0
1.1
fADC = 2 MHz
Total unadjusted error
(2)
|ET|
2.5
1.6
fADC = 4 MHz
1.5
0.7
fADC = 2 MHz
Offset error
(2)
|EO|
2.0
1.3
fADC = 4 MHz
1.5
0.2
fADC = 2 MHz
Gain error
(2)
|EG|
2.0
0.5
fADC = 4 MHz
1.0
0.7
fADC = 2 MHz
Differential linearity error
(2)
|ED|
1.0
0.7
fADC = 4 MHz
1.5
0.6
fADC = 2 MHz
Integral linearity error
(2)
|EL|
1.5
0.6
fADC = 4 MHz
(1) Data based on characterisation results, not tested in production.
(2) ADC accuracy vs. negative injection current: Injecting negative current on any of the
analog input pins should be avoided as this significantly reduces the accuracy of the
conversion being performed on another analog input. It is recommended to add a Schottky
diode (pin to ground) to standard analog pins which may potentially inject negative current.
Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in I/O port
pin characteristics does not affect the ADC accuracy.
DocID022186 Rev 3
88/103
STM8S005K6 STM8S005C6
Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com