Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S005C6T6CTR Datasheet(PDF) 81 Page - STMicroelectronics

Part # STM8S005C6T6CTR
Description  Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S005C6T6CTR Datasheet(HTML) 81 Page - STMicroelectronics

Back Button STM8S005C6T6CTR Datasheet HTML 77Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 78Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 79Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 80Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 81Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 82Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 83Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 84Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 103 page
background image
The reset network shown in the following figure protects the device against parasitic resets.
The user must ensure that the level on the NRST pin can go below VIL(NRST) max. (see Table
40: NRST pin characteristics ), otherwise the reset is not taken into account internally.
For power consumption sensitive applications, the external reset capacitor value can be
reduced to limit the charge/discharge current. If NRST signal is used to reset external circuitry,
attention must be taken to the charge/discharge time of the external capacitor to fulfill the
external devices reset timing conditions. Minimum recommended capacity is 100 nF.
Figure 37: Recommended reset pin protection
External
reset
circuit
(optional)
0.1 μF
NRST
VDD
RPU
Filter
Internal reset
STM8
SPI serial peripheral interface
9.3.9
Unless otherwise specified, the parameters given in the following table are derived from tests
performed under ambient temperature, fMASTER frequency and VDD supply voltage conditions.
tMASTER = 1/fMASTER.
Refer to I/O port characteristics for more details on the input/output alternate function
characteristics (NSS, SCK, MOSI, MISO).
Table 41: SPI characteristics
Unit
Max
Min
Conditions
Parameter
Symbol
MHz
8
0
Master mode
SPI clock
frequency
fSCK1
tc(SCK)
6
0
Slave mode
ns
25
Capacitive load: C = 30 pF
SPI clock rise
and fall time
tr(SCK)
tf(SCK)
ns
4 x
tMASTER
Slave mode
NSS setup time
tsu(NSS)
(1)
ns
70
Slave mode
NSS hold time
th(NSS)
(1)
81/103
DocID022186 Rev 3
Electrical characteristics
STM8S005K6 STM8S005C6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com