Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S005C6T6CTR Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM8S005C6T6CTR
Description  Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S005C6T6CTR Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM8S005C6T6CTR Datasheet HTML 34Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 35Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 36Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 37Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 38Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 39Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 40Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 41Page - STMicroelectronics STM8S005C6T6CTR Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 103 page
background image
Reset status
Register name
Register label
Block
Address
0x00
TIM4 event generation register
TIM4_EGR
0x00 5343
0x00
TIM4 counter
TIM4_CNTR
0x00 5344
0x00
TIM4 prescaler register
TIM4_PSCR
0x00 5345
0xFF
TIM4 auto-reload register
TIM4_ARR
0x00 5346
Reserved area (153 bytes)
0x00 5347 to
0x00 53DF
0x00
ADC data buffer registers
ADC _DBxR
ADC1
0x00 53E0 to
0x00 53F3
Reserved area (12 bytes)
0x00 53F4 to
0x00 53FF
0x00
ADC control/ status register
ADC _CSR
ADC1
0x00 5400
0x00
ADC configuration register 1
ADC_CR1
0x00 5401
0x00
ADC configuration register 2
ADC_CR2
0x00 5402
0x00
ADC configuration register 3
ADC_CR3
0x00 5403
0xXX
ADC data register high
ADC_DRH
0x00 5404
0xXX
ADC data register low
ADC_DRL
0x00 5405
0x00
ADC Schmitt trigger disable
register high
ADC_TDRH
0x00 5406
0x00
ADC Schmitt trigger disable
register low
ADC_TDRL
0x00 5407
0x03
ADC high threshold register high
ADC_HTRH
0x00 5408
0xFF
ADC high threshold register low
ADC_HTRL
0x00 5409
DocID022186 Rev 3
38/103
STM8S005K6 STM8S005C6
Memory and register map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com