Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1320 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP1320
Description  Voltage Supervisor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1320 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP1320 Datasheet HTML 24Page - Microchip Technology MCP1320 Datasheet HTML 25Page - Microchip Technology MCP1320 Datasheet HTML 26Page - Microchip Technology MCP1320 Datasheet HTML 27Page - Microchip Technology MCP1320 Datasheet HTML 28Page - Microchip Technology MCP1320 Datasheet HTML 29Page - Microchip Technology MCP1320 Datasheet HTML 30Page - Microchip Technology MCP1320 Datasheet HTML 31Page - Microchip Technology MCP1320 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
MCP131X/2X
DS21985B-page 28
© 2007 Microchip Technology Inc.
4.2
Reset Delay Timer (tRST)
The Reset delay timer ensures that the MCP131X/2X
device will “hold” the embedded system in Reset until
the system voltage has stabilized. There are several
time-out options to better meet the requirements of
different applications. These Reset delay timer time
outs are shown in Table 4-2. The Standard offering time
out is typically 200 ms.
The Reset delay timer (tRST) starts after the device volt-
age rises above the “actual” trip point (VTRIP) plus the
hysteresis (VHYS). When the Reset delay timer times
out, the Reset output pin (RST/RST) is driven inactive.
TABLE 4-2:
RESET DELAY TIMER
TIME OUTS (1)
Figure 4-15 illustrates when the Reset delay timer
(tRST) is active or inactive.
FIGURE 4-15:
Reset Power-up Timer
Waveform.
4.2.1
EFFECT OF TEMPERATURE ON
RESET POWER-UP TIMER (TRPU)
The Reset delay timer time out period (tRST)
determines how long the device remains in the Reset
condition. This time out is affected by both the device
VDD and temperature. Typical responses for different
VDD values and temperatures are shown in Figures 2-
33, 2-32 and 2-31.
Note:
While the Reset delay timer (tRST) is
active, additional system current is con-
sumed.
tRST
Units
Min
Typ
Max
1.0
1.4
2.0
ms
20
30
40
ms
140
200
280
ms
1120
1.6
2.24
sec
↑↑
This is the mini-
mum time that the
Reset delay timer
will “hold” the
Reset pin active
after VDD rises
above
VTRIP + VHYS
This is the maxi-
mum time that the
Reset delay timer
will “hold” the
Reset pin active
after VDD rises
above
VTRIP + VHYS
Note 1:
Shaded rows are custom ordered time
outs.
VTRIP
VDD
RST
tRST
Reset Delay
Timer Inactive
Reset
Delay
Timer
Inactive
See Figures 2-12,
2-10 and 2-11
See Figures 2-15,
2-14 and 2-13
See Figures 2-12,
2-10 and 2-11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com