Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1320 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP1320
Description  Voltage Supervisor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1320 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP1320 Datasheet HTML 13Page - Microchip Technology MCP1320 Datasheet HTML 14Page - Microchip Technology MCP1320 Datasheet HTML 15Page - Microchip Technology MCP1320 Datasheet HTML 16Page - Microchip Technology MCP1320 Datasheet HTML 17Page - Microchip Technology MCP1320 Datasheet HTML 18Page - Microchip Technology MCP1320 Datasheet HTML 19Page - Microchip Technology MCP1320 Datasheet HTML 20Page - Microchip Technology MCP1320 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
© 2007 Microchip Technology Inc.
DS21985B-page 17
MCP131X/2X
Note: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, RPU = 100 kΩ (only MCP1316;
see Figure 4-1), TA = -40°C to +125°C.
FIGURE 2-34:
Transient Duration vs.
VTRIP (min) – VDD.
FIGURE 2-35:
Open-Drain Leakage
Current vs. Temperature (MCP1320-2.0).
FIGURE 2-36:
MR Low to Reset
Propagation Delay (MCP1318M-4.6).
FIGURE 2-37:
MR Low to Reset
Propagation Delay (MCP1319-2.9).
FIGURE 2-38:
MR Low to Reset
Propagation Delay (MCP1316-2.0).
0
500
1000
1500
2000
2500
3000
3500
0.001
0.01
0.1
1
10
Reset Threshold Overdrive (V) VTRIPMin - VDD
VRST=2.0V
VRST=2.9V
VRST=4.6V
2.0V
2.9V
0
0.002
0.004
0.006
0.008
0.01
0.012
-100
-50
0
50
100
150
Temperature (°C)
2.2 V
2.5 V
4 V
4.5 V
5 V
5.5 V
MCP1318M does not
have a MR pin
0
50
100
150
200
250
300
350
-100
-50
0
50
100
150
Temperature (°C)
3.2 V
4 V
4.5 V
5 V
5.5 V
0
50
100
150
200
250
300
350
400
450
-100
-50
0
50
100
150
Temperature (°C)
2.2 V
2.5 V
4 V
4.5 V
5 V
5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com