Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1320 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP1320
Description  Voltage Supervisor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1320 Datasheet(HTML) 3 Page - Microchip Technology

  MCP1320 Datasheet HTML 1Page - Microchip Technology MCP1320 Datasheet HTML 2Page - Microchip Technology MCP1320 Datasheet HTML 3Page - Microchip Technology MCP1320 Datasheet HTML 4Page - Microchip Technology MCP1320 Datasheet HTML 5Page - Microchip Technology MCP1320 Datasheet HTML 6Page - Microchip Technology MCP1320 Datasheet HTML 7Page - Microchip Technology MCP1320 Datasheet HTML 8Page - Microchip Technology MCP1320 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
© 2007 Microchip Technology Inc.
DS21985B-page 3
MCP131X/2X
VDD Trip Point
MCP13XX-20
VTRIP
1.970
2.00
2.030
V
TA = +25°C (Note 1)
(Note 6)
1.950
2.00
2.050
V
TA = -40°C to +85°C (Note 2)
MCP13XX-21
2.069
2.10
2.132
V
TA = +25°C (Note 1)
(Note 6)
2.048
2.10
2.153
V
TA = -40°C to +85°C (Note 2)
MCP13XX-22
2.167
2.20
2.233
V
TA = +25°C (Note 1)
(Note 6)
2.145
2.20
2.255
V
TA = -40°C to +85°C (Note 2)
MCP13XX-23
2.266
2.30
2.335
V
TA = +25°C (Note 1)
(Note 6)
2.243
2.30
2.358
V
TA = -40°C to +85°C (Note 2)
MCP13XX-24
2.364
2.40
2.436
V
TA = +25°C (Note 1)
(Note 6)
2.340
2.40
2.460
V
TA = -40°C to +85°C (Note 2)
MCP13XX-25
2.463
2.50
2.538
V
TA = +25°C (Note 1)
(Note 6)
2.438
2.50
2.563
V
TA = -40°C to +125°C (Note 2)
MCP13XX-26
2.561
2.60
2.639
V
TA = +25°C (Note 1)
(Note 6)
2.535
2.60
2.665
V
TA = -40°C to +125°C (Note 2)
MCP13XX-27
2.660
2.70
2.741
V
TA = +25°C (Note 1)
(Note 6)
2.633
2.70
2.768
V
TA = -40°C to +125°C (Note 2)
MCP13XX-28
2.758
2.80
2.842
V
TA = +25°C (Note 1)
(Note 6)
2.730
2.80
2.870
V
TA = -40°C to +125°C (Note 2)
MCP13XX-29
2.857
2.90
2.944
V
TA = +25°C (Note 1)
2.828
2.90
2.973
V
TA = -40°C to +125°C (Note 2)
MCP13XX-30
2.955
3.00
3.045
V
TA = +25°C (Note 1)
(Note 6)
2.925
3.00
3.075
V
TA = -40°C to +125°C (Note 2)
MCP13XX-31
3.054
3.10
3.147
V
TA = +25°C (Note 1)
(Note 6)
3.023
3.10
3.178
V
TA = -40°C to +125°C (Note 2)
MCP13XX-32
3.152
3.20
3.248
V
TA = +25°C (Note 1)
(Note 6)
3.120
3.20
3.280
V
TA = -40°C to +125°C (Note 2)
MCP13XX-33
3.251
3.30
3.350
V
TA = +25°C (Note 1)
(Note 6)
3.218
3.30
3.383
V
TA = -40°C to +125°C (Note 2)
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, RPU = 100 kΩ
(only MCP1320, MCP1321, and MCP1322), TA = -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Trip point is ±1.5% from typical value.
2:
Trip point is ±2.5% from typical value.
3:
Hysterysis is minimum = 1%, maximum = 6% at +25°C.
4:
This specification allows this device to be used in PIC® microcontroller applications that require the In-Cir-
cuit Serial Programming™ (ICSP™) feature (see device-specific programming specifications for voltage
requirements). The total time that the RST pin can be above the maximum device operational voltage
(5.5V) is 100s. Current into the RST pin should be limited to 2 mA. It is recommended that the device oper-
ational temperature be maintained between 0°C to +70°C (+25°C preferred). For additional information,
refer to Figure 2-35.
5:
This parameter is established by characterization and is not 100% tested.
6:
Custom ordered voltage trip point; minimum order volume requirement. Information available upon request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com