Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1320 Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP1320
Description  Voltage Supervisor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1320 Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP1320 Datasheet HTML 28Page - Microchip Technology MCP1320 Datasheet HTML 29Page - Microchip Technology MCP1320 Datasheet HTML 30Page - Microchip Technology MCP1320 Datasheet HTML 31Page - Microchip Technology MCP1320 Datasheet HTML 32Page - Microchip Technology MCP1320 Datasheet HTML 33Page - Microchip Technology MCP1320 Datasheet HTML 34Page - Microchip Technology MCP1320 Datasheet HTML 35Page - Microchip Technology MCP1320 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
MCP131X/2X
DS21985B-page 32
© 2007 Microchip Technology Inc.
5.4
Modifying The Trip Point, VTRIP
Although the MCP131X/2X device has a fixed voltage
trip point (VTRIP), it is sometimes necessary to make
custom adjustments. This can be accomplished by
connecting
an
external
resistor
divider
to
the
MCP131X/2X VDD pin. This causes the VSOURCE volt-
age to be at a higher voltage than when the MCP131X/
2X input equals its VTRIP voltage (Figure 5-5).
To maintain detector accuracy, the bleeder current
through the divider should be significantly higher than
the 10 µA maximum operating current required by the
MCP131X/2X. A reasonable value for this bleeder
current is 1 mA (100 times the 10 µA required by the
MCP131X/2X). For example, if VTRIP = 2V and the
desired trip point is 2.5V, the value of R1 + R2 is 2.5 kΩ
(2.5V/1 mA). The value of R1 + R2 can be rounded to
the nearest standard value and plugged into the equa-
tion of Figure 5-5 to calculate values for R1 and R2. 1%
tolerance resistors are recommended.
FIGURE 5-5:
Modify Trip-Point using
External Resistor Divider.
5.5
MOSFET Low-Drive Protection
Low operating power and small physical size make the
MCP131X/2X series ideal for many voltage detector
applications. Figure 5-6 shows a low-voltage gate drive
protection circuit that prevents overheating of the logic-
level MOSFET due to insufficient gate voltage. When
the input signal is below the threshold of the MCP131X/
2X, its output grounds the gate of the MOSFET.
FIGURE 5-6:
MOSFET Low-Drive
Protection.
5.6
Low-Power Applications
In some low-power applications, the longer that the
microcontroller (such as a PIC MCU) can be in the
“Sleep mode”, the lower the average system current
consumption will be.
The WDT feature can be used to “wake-up” the PIC MCU
at a regular interval to service the required tasks before
returning to sleep. This “wake-up” occurs after the PIC
MCU detects a MCLR reset during Sleep mode (for mid-
range family; POR = ‘1’, BOR = ‘1’, TO = ‘1’, and PD = ‘1’).
Note:
In this example, VSOURCE must be
greater than (VTRIP)
MCP131X/2X
VDD
RST
VSS
R1
VSOURCE
R2
or RST
V
SOURCE
R
1
R
1
R
2
+
--------------------
×
V
TRIP
=
Where:
VSOURCE = Voltage to be monitored
VTRIP = Threshold Voltage setting
VDD
RST
VSS
MCP131X/2X
270
Ω
MTP3055EL
VDD
RL
VTRIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com