Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1320 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP1320
Description  Voltage Supervisor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1320 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP1320 Datasheet HTML 7Page - Microchip Technology MCP1320 Datasheet HTML 8Page - Microchip Technology MCP1320 Datasheet HTML 9Page - Microchip Technology MCP1320 Datasheet HTML 10Page - Microchip Technology MCP1320 Datasheet HTML 11Page - Microchip Technology MCP1320 Datasheet HTML 12Page - Microchip Technology MCP1320 Datasheet HTML 13Page - Microchip Technology MCP1320 Datasheet HTML 14Page - Microchip Technology MCP1320 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
© 2007 Microchip Technology Inc.
DS21985B-page 11
MCP131X/2X
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, RPU = 100 kΩ (only MCP1316;
see Figure 4-1), TA = -40°C to +125°C.
FIGURE 2-1:
IDD vs. Temperature (Reset
Power-up Timer Inactive and Watchdog Timer
Inactive) (MCP1318M-4.6).
FIGURE 2-2:
IDD vs. Temperature (Reset
Power-up Timer Inactive and Watchdog Timer
Inactive) (MCP1319-2.9).
FIGURE 2-3:
IDD vs. Temperature (Reset
Power-up Timer Inactive and Watchdog Timer
Inactive) (MCP1316-2.0).
FIGURE 2-4:
IDD vs. Temperature (Reset
Power-up Timer Active) (MCP1318M-4.6).
FIGURE 2-5:
IDD vs. Temperature (Reset
Power-up Timer Active) (MCP1319-2.9).
FIGURE 2-6:
IDD vs. Temperature (Reset
Power-up Timer Active) (MCP1316-2.0).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
0.2
0.4
0.6
0.8
1
1.2
-100
-50
0
50
100
150
Temperature (°C)
1.0V
1.5V
2.0V
3.0V
4.3V
4.5V
4.8V
5.0V
5.5V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-100
-50
0
50
100
150
Temperature (°C)
1.0V
1.5V
2.5V
2.7V
3.2V
4.0V
4.5V
5.0V
5.5V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
-100
-50
0
50
100
150
Temperature (°C)
1.0V
1.5V
1.8V
2.2V
2.5V
4.0V
4.5V
5.0V
5.5V
0
1
2
3
4
5
6
-100
-50
0
50
100
150
Temperature (°C)
4.8V
5.0V
5.5V
0
1
2
3
4
5
6
-100
-50
0
50
100
150
Temperature (°C)
3.2V
4.0V
4.5V
5.0V
5.5V
0
1
2
3
4
5
6
7
-100
-50
0
50
100
150
Temperature (°C)
2.2V
2.5V
4.0V
4.5V
5.0V
5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com