Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1206SFS400F32 Datasheet(PDF) 8 Page - Tyco Electronics

Part # 1206SFS400F32
Description  Surface-mount Fuses Fundamentals
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1206SFS400F32 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button 1206SFS400F32 Datasheet HTML 4Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 5Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 6Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 7Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 8Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 9Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 10Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 11Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
82
RoHS Compliant, ELV Compliant
HF Halogen Free
11
% of rated current
Clear time at 25°C
100%
4 hours (min.)
200%
0.01 second (min.)
5 seconds (max.)
300%
0.001 second (min.)
0.2 seconds (max.)
0603SFV050F/32-2
0.5
0.860
0.0093
32
50
0603SFV075F/32-2
0.8
0.450
0.0191
32
50
0603SFV100F/32-2
1.0
0.280
0.0360
32
50
0603SFV125F/32-2
1.3
0.205
0.0630
32
35
0603SFV150F/32-2
1.5
0.143
0.0950
32
35
0603SFV175F/32-2
1.8
0.095
0.1400
32
35
0603SFV200F/32-2
2.0
0.073
0.2100
32
35
0603SFV250F/32-2
2.5
0.046
0.3000
32
35
0603SFV300F/32-2
3.0
0.039
0.4600
32
35
0603SFV350F/32-2
3.5
0.028
0.7300
32
35
0603SFV400F/32-2
4.0
0.023
1.1500
32
35
0603SFV450F/32-2
4.5
0.019
1.6800
32
35
0603SFV500F/32-2
5.0
0.015
2.6200
32
35
* Measured at 10% of rated current and 25°C
Part Number
0603 (1608 mm) Very Fast-Acting Chip Fuses
A
B
C
D
Shape and Dimensions
mm (Inch)
Table FV1 Clear Time Characteristics for Very Fast-Acting Chip Fuses
Table FV2 Typical Electrical Characteristics and Dimensions for Very Fast-Acting Chip Fuses
Rated
Current
(A)
Nominal
Cold DCR
(
Ω)*
Voltage
(VDC)
Current
(A)
Nominal
I2t
(A2sec)
Typical Electrical Characteristics
Max. Interrupt Ratings
Please go to page 97 for more information for Very Fast-Acting Chip Fuses.
1100
10
100
10
1
0.1
0.01
0.001
0.0001
Current (A)
0603SFV Average Time Current Curves
0603SFV I²t vs. t Curves
Time (s)
1000
100
10
1
0.1
0.01
0.001
0.0001
0.0001
0.001
0.1
0.01
1
10
5.00A
4.50A
4.00A
3.50A
3.00A
2.50A
2.00A
1.75A
0.75A
0.05A
1.25A
1.50A
1.00A
Figure FV2
Figure FV1
Note: Curves are nominal
Figure FV1-FV2 Family Performance Curves for Very Fast-Acting Chip Fuses
AB
CD
Min
Max
Min
Max
Min
Max
Min
Max
mm
1.45
1.75
0.22
0.48
0.21
0.51
0.65
0.95
in
(0.057) (0.069)
(0.009) (0.019)
(0.008) (0.020)
(0.025) (0.037)
0603SFV I²t
1000
erage
eT
e
e
e
e
e
e ime Cur
Cu
Cu
C
C
C
C
C
C
Curre
e
ren
e
re
re
re
rr
t Curves
4hours (min.)
0.01 second(min.)
5 seconds (max.)
0.001 second (min.)
0.2 seconds (max.)
0603S
3S
3SF
3S
3S
3S
3S
3S
3S V05
V05
50F/32
2-20
0.
0 50
0.
0 86
6
60
0.0
0603S
S
SF
S
S
S
S
S
S
S
S V07
V07
75F/32
2-20
0
0.80
0.
0 450
5
50
0
0
0
0.0
0603S
S
SF
S
S
S
S
S
S
S
S V10
V10
00F/32
2-21
1.00
0.
0 280
0.0
060
060
060
0
060
0
060
060
060
060
0
03S
SF
S
S
S
S V12
V12
25F/32
2-2
1.30
0.
0 205
0.0
0
060
0
0
0
0
0
0
03S
SF
S V15
V15
50F/32
2-2
1.50
0.
0 143
0.0
060
0
0
0
03SFV17
V17
75F/32
2-21
1
1.
1
1
1
1 80
0.
0 095
095
9
95
09
09
09
0.
060
0
0
03SFV20
V20
00F/32
2-22
2.00.073
0.2
060
0
0
03SF
S
S
S V25
V25
50F/
F///32
32-
3
3
3
3
3
3
3
3 22.50.046
0.3
060
0
0
0
0
03S
SF
S
S
S V30
V30
0
0
0
0
0
00
0
0F/
0
0
0
0 32-
32 23.0
0.039
0.4
060
0
0
0
0
03S
SF
S
S V
V350F/32-
32 2
3.5
0.028
0.7
60
06
060
60
60
60
60
60
603S
S
SF
S
S
S V
V400F/32-
32--2
24.
2
2
2
2
2
0
0.023
1.
060
0
0
3S
SF
S
S
S
S
S
S
S V
V450F///
F/
F/
F/
F
0F
F
0F 3
3
32-
3
3 2
4.5
0.019
1.6
0603
3S
3SF
3
3
3
3
3
3
V50
V50
0
50
50
5
V5
5
V
0F/32-2
5.0
0.015
2.6
*Me
ea
e
e
e
e
e sured at 10% of rated current and 25°C
Par
a
a
Parr
a
a
Parr
Par
ar
Par
artNu
tNu
tttttt
mb
b
ber
y Fast-Acting Chip Fuses
A
B
C
D
ectrical Characteristics and Dimensionsforr
or
or
or
o
o
o
o Very
ry
y Fa
a
Fa
a
a
Fa
Fa
Fa
F
F st-Ac
R
R
Rat
R
R
R
R
ed
Currenttt
(A)
(A
A
(
N
Nomina
allllll
Co
o
oldDC
DC
C
DC
C
C
D
D
D
D
D
D R
(
Ω
Ω)*
No
(A
Typ
p
yp
p
p
y
y
y ica
ca
ca
a
ca
ca
ca
c
c
c lElllectrrrical Cha
a
aracter
Figure FV2
ily Pe
erffor
or
o
orrma
ma
m n
nc
n
n
n
n
n
n
n
n eC
C
eC
C
eC
C
C
eC
C
eC
C
eC
Curv
ve
v
v
v
v
v
v
v s for Very Fast-Acting Chip Fuses
C
D
axMin
Max
ax
ax
ax
x
ax
ax
ax
a
a
Min
Mi
Min
M
Min
n
M
Min
n
Min
M n
Max
Max
Max
M
Max
M x
M x
x
M x
x
M x
x
48
0.210.
1
1
1
5
5
51
0.65
65
5
5
6
6
6
65
5
0.95
19)
(0.....0
0
008
0
0
0
0
0
)(0
(0
0
(0
(0
(0
(0
(0
0
0.0
020)
(0.0
0
0
0
02
25)
2
2
(0.03
37
37
3
3
3
37
3
3 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com