Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1206SFS400F32 Datasheet(PDF) 24 Page - Tyco Electronics

Part # 1206SFS400F32
Description  Surface-mount Fuses Fundamentals
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1206SFS400F32 Datasheet(HTML) 24 Page - Tyco Electronics

Back Button 1206SFS400F32 Datasheet HTML 20Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 21Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 22Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 23Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 24Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 25Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 26Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 27Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 28Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
98
RoHS Compliant, ELV Compliant
HF Halogen Free
11
Recommended conditions for hand soldering:
1. Using hot air rework station that can reflow the solder on both terminations at the same time is strongly recommended,
do not directly contact the chip termination with the tip of soldering iron.
2. Preheating: 150°C, 60s (min).
Appropriate temperature (max) of soldering iron tip/soldering time (max): 280°C /10s or 350°C / 3s.
0402(1005)
10,000
178mm white plastic
9.0 ± 0.5mm
8.00 ± 0.10mm
Paper
5
1 to 10
0603(1608)
4,000
178mm white plastic
9.0 ± 0.5mm
8.00 ± 0.10mm
Paper
5
1 to 10
0603SFV(1608)
6,000
178mm white plastic
9.0 ± 0.5mm
8.00 ± 0.10mm
Paper
5
1 to 10
1206(3216)
3,000
178mm white plastic
9.0 ± 0.5mm
8.00 ± 0.10mm
Plastic
5
1 to 10
2410(6125)
2,000
178mm white plastic
13.4 ± 0.5mm
12.00 ± 0.10mm
Plastic
4
1 to 10
Size
Reel Quantity
(pcs)
Reel Diameter
Reel Width
Carrier
Tape Size
Tape Type
Reels per Outside
Shipment Box
Outside Shipment
Boxes per Overpack
Table F4 Packaging Information for All Fuses
Figure F2 Recommended Soldering Temperature Profile for All Fuses
Profile Feature
1206/0603/0402
2410
Average ramp up rate (TsMAX to Tp)
3°C/second max.
3°C/second max.
Preheat
• Temperature min. (TsMIN)
150°C
150°C
• Temperature max. (TsMAX)
200°C
200°C
• Time (tsMIN to tsMAX)
60-180 seconds
40-100 seconds
Time maintained above:
• Temperature (TL)
217°C
200°C
• Time (tL)
60-150 seconds
30-90 seconds
Peak/Classification temperature (Tp)
260°C max.
250°C max.
Time within 5°C of actual peak temperature
Time (tp)
20-40 seconds
30-40 seconds
From 25°C to preheating (150°C)
8 minutes max.
40-100 seconds
Ramp down rate
4°C/second max.
Natural cooling
Critical Zone
T
L to Tp
Ramp up
t 25˚C to Peak
Reflow Profile
Time
Ramp down
ts
Preheat
Ts
MAX
T
L
Tp
tp
25
Ts
MIN
t
L
Classification Reflow Profiles
1206/0603/0402
2410
AX to
o Tp)
3°C/second max.
3°C/second max
150°C
150°C
200°C
200°C
60 180 seconds
40 100 seconds
178mm white plastic
9.0 ± 0.5mm
8.00 ± 0.10mm
P
Pape
a
a
a
r
178mm white plastic
9.0 ± 0.5mm
8.00 ± 0.10mmPa
Pa
Paper
178mm white plastic
9.0 ± 0.5mm
8.00 ± 0.10mmPa
m
mPa
mPa
m
m
m
m
perrrrrr
178mm white plastic
9.0 ± 0.5mm
8.00 ±0..10m
0
10m
m
10
1
1
1
1
mPl
mP a
a
astic
c
c
178mm white plastic
13.4 ± 0.5mm
12.00
0±
0±
0
0
0
0
0
0.10mm
m
m
Pla
P
P
Pla
a
P stic
c
c
c
c
c
c
Reel DiameterReelWidth
Carrier
TapeSize
Tape Typ
p
p
p
p
p
p
yp
yp
yp
y e
e
e
e
Reels
Shi
nded Soldering Tempera
att
at
attt
a
a
a
a
a ureP
eP
e
e
e
e
e
e
e
ro
o
ofile
e fo
ffo
o
o
o
o
o
o
orA
r A
rrr
lll F
Fuse
e
es
s
Crittiical Zone
e
e
T
L to
oTp
Ramp
am u
u
up
t25
5˚
5
5
5
5
5
5
5 C
CtoP
C
C
C
C
C
C
C
C
C
eak
k
k
k
k
k
k
k
Reflo
eflo
e
e
wPro
w
wPro
w
w
file
file
Time
Ramp down
ts
s
s
s
Prehe
e
ea
at
a
a
a
T
T
Ts
MAX
T
L
Tp
tp
p
p
p
tp
25
T
T
Ts
MIN
N
t
L
Profffile
es
e
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com