Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1206SFS400F32 Datasheet(PDF) 19 Page - Tyco Electronics

Part # 1206SFS400F32
Description  Surface-mount Fuses Fundamentals
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1206SFS400F32 Datasheet(HTML) 19 Page - Tyco Electronics

Back Button 1206SFS400F32 Datasheet HTML 15Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 16Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 17Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 18Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 19Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 20Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 21Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 22Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 23Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
93
11
The 2410(6125) is Wire-in Air SMD Fuse which is very
suitable for secondary level overcurrent protection
applications.
These lead-free surface mount devices offer more
reliability and have no end cap falling off risk. Straight
wire element in air performs consistent fusing and
cutting characteristics.
• Very fast acting at 200% overload current level
• Excellent inrush current withstanding capability
• High reliability and resilience
• Strong arc suppression characteristics
• Copper terminal with nickel and tin plated
• Halogen free, RoHS compliant and 100% lead-free
• Copper or copper alloy composite fuse link
• Fiberglass enforced epoxy fuse body
• Wide range of current rating
• -55°C to +125°C operating temperature range
(with de-rating)
• Industrial equipment
• LCD/PDP TV
• Backlight inverter
Benefits
Features
Applications
• Power supplier
• Telecom system
• Networking
•Game systems
• White goods
• Automotive
Surface-mount Fuses
2410 Very Fast-Acting Fuses
NEW
NE
NE
NE
NE
NE
NE
NE
NE
NE
NE
NE
NEW
W
W
W
W
W
W
W
W
W
W
W
NEW
Air SMD Fuse which is very
vel overcurrent protection
mount devices offer more
cap falling off risk. Straighttttttttttt
orms consistent fusing an
n
n
n
n
n
n
n
n
nd
overrl
rrrr oa
a
adc
c
dc
d
d c
dc
c
c
c
currrentttt
ntt
ntttt
n
n level
withs
sta
tttttt ndin
n
n
n
n
n
n
n
ngc
g c
gc
c
gc
capability
nce
haracteristics
• Halogen free, RoHS compliant
• Copper or copper alloy compo
• Fiberglass enforced epoxy fus
• Wide range of current rating
Features
rface-mount Fuses
rface mount Fuses
rface-mount Fuses
0 Very Fast-Acting Fuses
0 Very Fast Acting Fuses
0 Very Fast-Acting Fuses
0 Very Fast Acting Fuses
0 V
F
t A ti
F
y
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com