Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1206SFS400F32 Datasheet(PDF) 23 Page - Tyco Electronics

Part # 1206SFS400F32
Description  Surface-mount Fuses Fundamentals
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1206SFS400F32 Datasheet(HTML) 23 Page - Tyco Electronics

Back Button 1206SFS400F32 Datasheet HTML 19Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 20Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 21Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 22Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 23Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 24Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 25Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 26Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 27Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
97
RoHS Compliant, ELV Compliant
HF Halogen Free
11
Specifications, Packaging Information, Agency Approvals and
Part Numbering Systems for All Fuses
Operating temperature
-55°C to +125°C
Mechanical vibration
Withstands 5-3000 Hz at 30 Gs when evaluated per Method 204 of MIL-STD-202
Mechanical shock
Withstands 1500 Gs, 0.5 millisecond half-sine pulses when evaluated per Method 213 of MIL-STD-202
Thermal shock
Withstands 100 cycles from -65°C to +125°C when evaluated per Method 107 of MIL-STD-202
Resistance to soldering heat
Withstands 60 seconds at +260°C when evaluated per Method 210 of MIL-STD-202
Solderability
Meets 95% minimum coverage requirement when evaluated per Method 208 of MIL-STD-202
Moisture resistance
Withstands 10 cycles when evaluated per Method 106 of MIL-STD-202
Salt spray
Withstands 48-hour exposure when evaluated per Method 101 of MIL-STD-202
Storage temperature
30°C/ 85% RH
Storage humidity
Per MIL-STD-202F, Method 106F
Construction body material
Ceramic (1206/0603/0402); Fiberglass/Epoxy (2410)
Termination material
Silver, Nickel, Tin
Fuse element
Silver(1206/0603/0402); Copper/Copper Alloy (2410)
1206/0603/0402 Series
Temperature Effect on Current Rating
2410 Series
Temperature Effect on Current Rating
105
100
95
90
85
80
75
70
65
60
55
50
45
40
35
30
25
20
15
10
5
0
110
105
100
95
90
85
80
75
70
65
60
55
50
Maximum Operating Temperature (˚C)
Maximum Operating Temperature (˚C)
-55
-35
-15
5
25
45
65
85
105
125
145
-55
-35
-15
5
25
45
65
85
105
125
Insulation resistance after opening
20,000
Ω minimum @ rated voltage. Fuse clearing under low voltage conditions may result in lower -
post-clearing insulation values. Under normal fault conditions TE Circuit Protection fuses provide
sufficient insulation resistance for circuit protection.
Current carrying capacity
Withstands 100% rated current at +25°C ambient for 4 hours when evaluated per MIL-PRF-23419.
Table F1 Environmental Specifications for All Fuses
Table F2 Material Specifications for All Fuses
Figure F1 Thermal Derating Current for All Fuses
Table F3 Electrical Specifications for All Fuses
g
20,0
0
000
0
Ω minimum @ rated voltage. Fuse clearing under low voltage condit
603/0402 Series
ffect on Current Rating
241
241
1
24
4
2
2
2
2
0 Se
Tem
m
mpe
erattture Efffe
ect o
110
0
0
105
5
5
100
0
0
95
5
5
90
0
0
85
5
5
5
5
80
75
70
65
5
5
65
5
5
5
65
60
55
50
eratin
ng
n Te
emp
p
pe
pera
a
a
a
a
a
p
p
ture
tu
u
tttttt
(˚C)
˚C
˚C
C
˚C
˚C
Maximum Operating T
45
65
5
5
5
85
105125
5
5
5
5
145
-55
-35
-155
25
Ceramic (1206/0603/0402); Fiberglass/Epoxy (2410)
Silver, Nickel, Tin
Silver(1206/0603/0402); Copper/Copper Alloy (2410))
0)))
0
0
0
e
S
0 ,
et od 06
fications for All Fuses
ting Current for All Fuses
cific
c
c
c
c
c
c
c
cation
n
ns
n
n
n
n
n
n fo
fo
fo
fo
fo
ff r All Fuses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com