Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1206SFS400F32 Datasheet(PDF) 11 Page - Tyco Electronics

Part # 1206SFS400F32
Description  Surface-mount Fuses Fundamentals
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1206SFS400F32 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button 1206SFS400F32 Datasheet HTML 7Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 8Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 9Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 10Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 11Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 12Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 13Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 14Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
85
RoHS Compliant, ELV Compliant
HF Halogen Free
11
0.1
10
1100
10
1
0.1
0.01
0.001
Current (A)
0402SFF Average Time Current Curves
0.001
0.01
0.1
1
10
1000
100
10
1
0.1
0.01
0.001
Time (s)
0402SFF I²t vs. t Curves
0.5A
0.75A
1.0A
1.5A
2.0A
3.0A
4.0A
Figure FF2
Figure FF1
10
1
0.1
0.01
0.001
1
0.1
10
100
Current (A)
0603SFF Average Time Current Curves
0.001
0.01
0.1
1
10
10000
1000
100
10
1
0.1
0.01
0.001
Time (s)
0603SFF I²t vs. t Curves
0.5A
0.75A
1.0A
1.5A
2.0A
2.5A
3.0A
3.5A
4.0A
5.0A
6.0A
Figure FF4
Figure FF3
Note: Curves are nominal
Note: Curves are nominal
Figure FF1-FF6 Family Performance Curves for Fast-Acting Chip Fuses
10000
1000
0603SFF I²t vs.
10
10
0
00
0
0
urrenttt(
t A
A)
A)
A
e Time Current Curves
0.001
0.01
0.1
1000
100
0
10
0
1
1
0.1
1
0.01
0
01
0
0
0
0.00
0
1
Time (s)
040
0
040
0
0
2SFFI²²tvs.
Figure FF2
e Tim
me
m
m Cur
Cu
Cu
Cu
Cu
Cu re
e
en
en
e
e
e ttCurve
e
e
e
es
Figure FF4
Note: Curves are nominal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com