Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LBR2012T2R2M Datasheet(PDF) 14 Page - Taiyo Yuden (U.S.A.), Inc

Part # LBR2012T2R2M
Description  WIRE-WOUND CHIP INDUCTORS (LB SERIES)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LBR2012T2R2M Datasheet(HTML) 14 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LBR2012T2R2M Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 14Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
▶ This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
i_wound_CB_LB_prec_e-E02R01
6.Handling
Precautions
◆Handling
1. Keep the inductors away from all magnets and magnetic objects.
◆Breakaway PC boards( splitting along perforations)
1. When splitting the PC board after mounting inductors, care should be taken not to give any stresses of deflection or twisting to the
board.
2. Board separation should not be done manually, but by using the appropriate devices.
◆Mechanical considerations
1. Please do not give the inductors any excessive mechanical shocks.
Technical
considerations
◆Handling
1. There is a case that a characteristic varies with magnetic influence.
◆Breakaway PC boards( splitting along perforations)
1. Planning pattern configurations and the position of products should be carefully performed to minimize stress.
◆Mechanical considerations
1. There is a case to be damaged by a mechanical shock.
7.Storage conditions
Precautions
◆Storage
1. To maintain the solderability of terminal electrodes and to keep the packing material in good condition, temperature and humidity in the
storage area should be controlled.
・ Recommended conditions
Ambient temperature:0~40℃ / Humidity:Below 70% RH
The ambient temperature must be kept below 30℃ even under ideal storage conditions, solderability of products electrodes may
decrease as time passes. For this reason,
LB type:Should be used within 6 months from the time of delivery.
Technical
considerations
◆Storage
1. Under a high temperature and humidity environment, problems such as reduced solderability caused by oxidation of terminal electrodes
and deterioration of taping/packaging materials may take place.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com