Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LBR2012T2R2M Datasheet(PDF) 7 Page - Taiyo Yuden (U.S.A.), Inc

Part # LBR2012T2R2M
Description  WIRE-WOUND CHIP INDUCTORS (LB SERIES)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LBR2012T2R2M Datasheet(HTML) 7 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LBR2012T2R2M Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
▶ This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
i_wound_CB_LB_pack_e-E02R01
③Taping Dimensions
●Embossed Tape (0.315 inches wide)
Type
Chip cavity
Insertion pitch
Tape thickness
A
B
F
T
K
LBM2016
1.75±0.1
(0.069±0.004)
2.1±0.1
(0.083±0.004)
4.0±0.1
(0.157±0.004)
0.3±0.05
(0.012±0.002)
1.9max.
(0.075max.)
LB C3225
CB C3225
2.8±0.1
(0.110±0.004)
3.5±0.1
(0.138±0.004)
4.0±0.1
(0.157±0.004)
0.3±0.05
(0.012±0.002)
4.0max.
(0.157max.)
LB
3218
2.1±0.1
(0.083±0.004)
3.5±0.1
(0.138±0.004)
4.0±0.1
(0.157±0.004)
0.3±0.05
(0.012±0.002)
2.2max.
(0.087max.)
LB
2518
CB
2518
LB C2518
CB C2518
LB R2518
2.15±0.1
(0.085±0.004)
2.7±0.1
(0.106±0.004)
4.0±0.1
(0.157±0.004)
0.3±0.05
(0.012±0.002)
2.2max.
(0.087max.)
LB
2016
CB
2016
LB C2016
CB C2016
1.75±0.1
(0.069±0.004)
2.1±0.1
(0.083±0.004)
4.0±0.1
(0.157±0.004)
0.3±0.05
(0.012±0.002)
1.9max.
(0.075max.)
LB
2012
CB
2012
LB C2012
CB C2012
LB R2012
1.45±0.1
(0.057±0.004)
2.25±0.1
(0.089±0.004)
4.0±0.1
(0.157±0.004)
0.25±0.05
(0.010±0.002)
1.45max.
(0.057max.)
LBMF1608
CBMF1608
1.1±0.1
(0.043±0.004)
1.9±0.1
(0.075±0.004)
4.0±0.1
(0.157±0.004)
0.25±0.05
(0.010±0.002)
1.2max.
(0.047max.)
Unit:mm(inch)
●Card board carrier tape(0.315 inches wide)
Type
Chip cavity
Insertion pitch
Tape thickness
A
B
F
T
CB L2012
1.55±0.1
(0.061±0.004)
2.3±0.1
(0.091±0.004)
4.0±0.1
(0.157±0.004)
1.1max.
(0.043max.)
LB
1608
1.0±0.1
(0.039±0.004)
1.8±0.1
(0.071±0.004)
4.0±0.1
(0.157±0.004)
1.1max.
(0.043max.)
Unit:mm(inch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com