Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LBR2012T2R2M Datasheet(PDF) 3 Page - Taiyo Yuden (U.S.A.), Inc

Part # LBR2012T2R2M
Description  WIRE-WOUND CHIP INDUCTORS (LB SERIES)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LBR2012T2R2M Datasheet(HTML) 3 Page - Taiyo Yuden (U.S.A.), Inc

  LBR2012T2R2M Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
14
▶Thiscatalogcontainsthetypicalspecificationonlyduetothelimitationofspace.Whenyouconsiderthepurchaseofourproducts,pleasecheckourspecification.
Fordetailsofeachproduct(characteristicsgraph,reliabilityinformation,precautionsforuse,andsoon),seeourWebsite(http://www.ty-top.com/).
62
/
■PARTS NUMBER
●1608(0603)type
LB 1608T1R0M
RoHS
1.0
±20%
100
0.17
160
7.96
LB 1608T2R2M
RoHS
2.2
±20%
80
0.33
115
7.96
LB 1608T4R7M
RoHS
4.7
±20%
45
0.55
70
7.96
LB 1608T8R2M
RoHS
8.2
±20%
32
0.70
60
2.52
LB 1608T100M
RoHS
10
±20%
32
0.70
60
2.52
LBMF1608T1R0M
RoHS
1.0
±20%
100
0.09
230
7.96
LBMF1608T2R2M
RoHS
2.2
±20%
80
0.17
160
7.96
LBMF1608T3R3M
RoHS
3.3
±20%
60
0.22
130
7.96
LBMF1608T4R7M
RoHS
4.7
±20%
45
0.24
110
7.96
LBMF1608T100[]
RoHS
10
±10%,±20%
32
0.36
80
2.52
LBMF1608T220[]
RoHS
22
±10%,±20%
16
1.0
50
2.52
LBMF1608T470[]
RoHS
47
±10%,±20%
11
2.5
35
2.52
●2012(0805)type
LB 2012T1R0M
RoHS
1.0
±20%
100
0.15
405
7.96
LB 2012T2R2M
RoHS
2.2
±20%
80
0.23
260
7.96
LB 2012T3R3M
RoHS
3.3
±20%
55
0.30
235
7.96
LB 2012T4R7M
RoHS
4.7
±20%
45
0.40
190
7.96
LB 2012T6R8M
RoHS
6.8
±20%
38
0.47
135
7.96
LB 2012T100[]
RoHS
10
±10%,±20%
32
0.70
120
2.52
LB 2012T100[]R
RoHS
10
±10%,±20%
32
0.50
120
2.52
LB 2012T150[]
RoHS
15
±10%,±20%
28
1.3
100
2.52
LB 2012T220[]
RoHS
22
±10%,±20%
16
1.7
80
2.52
LB 2012T470[]
RoHS
47
±10%,±20%
11
3.7
60
2.52
LB 2012T680[]
RoHS
68
±10%,±20%
10
6.0
50
2.52
LB 2012T101[]
RoHS
100
±10%,±20%
8
7.0
45
0.796
LB C2012T1R0M
RoHS
1.0
±20%
100
0.19
620
7.96
LB C2012T2R2M
RoHS
2.2
±20%
70
0.33
430
7.96
LB C2012T4R7M
RoHS
4.7
±20%
45
0.50
295
7.96
LB C2012T100[]
RoHS
10
±10%,±20%
40
1.2
200
2.52
LB C2012T220[]
RoHS
22
±10%,±20%
16
3.7
130
2.52
LB C2012T470[]
RoHS
47
±10%,±20%
11
5.8
90
2.52
LB R2012T1R0M
RoHS
1.0
±20%
100
0.07
400
7.96
LB R2012T2R2M
RoHS
2.2
±20%
80
0.13
260
7.96
LB R2012T4R7M
RoHS
4.7
±20%
45
0.24
200
7.96
LB R2012T100[]
RoHS
10
±10%,±20%
32
0.36
150
2.52
LB R2012T220[]
RoHS
22
±10%,±20%
16
1.0
100
2.52
LB R2012T470[]
RoHS
47
±10%,±20%
11
1.7
75
2.52
LB R2012T101[]
RoHS
100
±10%,±20%
8
4.0
50
0.796
●2016(0806)type
LB 2016T1R0M
RoHS
1.0
±20%
100
0.09
490
7.96
LB 2016T1R5M
RoHS
1.5
±20%
80
0.11
380
7.96
LB 2016T2R2M
RoHS
2.2
±20%
70
0.13
375
7.96
LB 2016T3R3M
RoHS
3.3
±20%
55
0.20
285
7.96
LB 2016T4R7M
RoHS
4.7
±20%
45
0.25
225
7.96
LB 2016T6R8M
RoHS
6.8
±20%
38
0.35
200
7.96
LB 2016T100[]
RoHS
10
±10%,±20%
32
0.50
155
2.52
LB 2016T150[]
RoHS
15
±10%,±20%
28
0.70
130
2.52
LB 2016T220[]
RoHS
22
±10%,±20%
16
1.0
105
2.52
LB 2016T330[]
RoHS
33
±10%,±20%
14
1.7
85
2.52
LB 2016T470[]
RoHS
47
±10%,±20%
11
2.4
70
2.52
LB 2016T680[]
RoHS
68
±10%,±20%
10
3.0
55
2.52
LB 2016T101[]
RoHS
100
±10%,±20%
8
4.5
40
0.796
LB C2016T1R0M
RoHS
1.0
±20%
100
0.10
690
7.96
LB C2016T1R5M
RoHS
1.5
±20%
80
0.15
600
7.96
LB C2016T2R2M
RoHS
2.2
±20%
70
0.20
520
7.96
LB C2016T3R3M
RoHS
3.3
±20%
55
0.27
410
7.96
LB C2016T4R7M
RoHS
4.7
±20%
45
0.37
355
7.96
LB C2016T6R8M
RoHS
6.8
±20%
38
0.59
290
7.96
LB C2016T100[]
RoHS
10
±10%,±20%
32
0.82
245
2.52
LB C2016T150[]
RoHS
15
±10%,±20%
28
1.2
200
2.52
LB C2016T220[]
RoHS
22
±10%,±20%
16
1.8
165
2.52
LB C2016T330[]
RoHS
33
±10%,±20%
14
2.8
135
2.52
LB C2016T470[]
RoHS
47
±10%,±20%
11
4.3
110
2.52
LB C2016T680[]
RoHS
68
±10%,±20%
10
7.0
95
2.52
LB C2016T101[]
RoHS
100
±10%,±20%
8
8.0
75
0.796
・ [] Please specify the Inductance tolerance code(K or M)
Rated current
[mA](max.)
Measuring frequency
[MHz]
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Self-resonant frequency
[MHz](min.)
DC Resistance
[Ω](±30%)
Self-resonant frequency
[MHz](min.)
DC Resistance
[Ω](±30%)
Rated current
[mA](max.)
Measuring frequency
[MHz]
Self-resonant frequency
[MHz](min.)
DC Resistance
[Ω](±30%)
Nominal inductance
[μH]
Inductance tolerance
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Rated current
[mA](max.)
Measuring frequency
[MHz]
Self-resonant frequency
[MHz](min.)
DC Resistance
[Ω](±30%)
Rated current
[mA](max.)
Measuring frequency
[MHz]
Self-resonant frequency
[MHz](min.)
DC Resistance
[Ω](±30%)
Rated current
[mA](max.)
Measuring frequency
[MHz]
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Parts number
EHS
Measuring frequency
[MHz]
Self-resonant frequency
[MHz](min.)
DC Resistance
[Ω](±30%)
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Rated current
[mA](max.)
Rated current
[mA](max.)
Measuring frequency
[MHz]
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Self-resonant frequency
[MHz](min.)
DC Resistance
[Ω](±30%)
i_wound_LB_e-E02R01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com