Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LBR2012T2R2M Datasheet(PDF) 5 Page - Taiyo Yuden (U.S.A.), Inc

Part # LBR2012T2R2M
Description  WIRE-WOUND CHIP INDUCTORS (LB SERIES)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LBR2012T2R2M Datasheet(HTML) 5 Page - Taiyo Yuden (U.S.A.), Inc

  LBR2012T2R2M Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
14
▶Thiscatalogcontainsthetypicalspecificationonlyduetothelimitationofspace.Whenyouconsiderthepurchaseofourproducts,pleasecheckourspecification.
Fordetailsofeachproduct(characteristicsgraph,reliabilityinformation,precautionsforuse,andsoon),seeourWebsite(http://www.ty-top.com/).
64
/
■PARTS NUMBER
●3225(1210)type
LB C3225T1R0MR
RoHS
1.0
±20%
250
0.055
1,100
0.1
LB C3225T1R5MR
RoHS
1.5
±20%
220
0.060
1,000
0.1
LB C3225T2R2MR
RoHS
2.2
±20%
190
0.080
930
0.1
LB C3225T3R3MR
RoHS
3.3
±20%
160
0.095
820
0.1
LB C3225T4R7MR
RoHS
4.7
±20%
70
0.100
680
0.1
LB C3225T6R8MR
RoHS
6.8
±20%
50
0.120
620
0.1
LB C3225T100[]R
RoHS
10
±10%,±20%
23
0.133
540
0.1
LB C3225T150[]R
RoHS
15
±10%,±20%
20
0.195
420
0.1
LB C3225T220[]R
RoHS
22
±10%,±20%
17
0.27
330
0.1
LB C3225T330[]R
RoHS
33
±10%,±20%
13
0.41
300
0.1
LB C3225T470[]R
RoHS
47
±10%,±20%
10
0.67
220
0.1
LB C3225T680[]R
RoHS
68
±10%,±20%
8
1.0
190
0.1
LB C3225T101[]R
RoHS
100
±10%,±20%
6
1.4
150
0.1
・ [] Please specify the Inductance tolerance code(K or M)
Rated current
[mA](max.)
Measuring frequency
[MHz]
Parts number
EHS
Nominal inductance
[μH]
Inductance tolerance
Self-resonant frequency
[MHz](min.)
DC Resistance
[Ω](±30%)
i_wound_LB_e-E02R01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com