Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LBR2012T2R2M Datasheet(PDF) 10 Page - Taiyo Yuden (U.S.A.), Inc

Part # LBR2012T2R2M
Description  WIRE-WOUND CHIP INDUCTORS (LB SERIES)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LBR2012T2R2M Datasheet(HTML) 10 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LBR2012T2R2M Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 14Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
▶ This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
i_wound_CB_LB_reli_e-E02R01
8.Temperature Characteristic
Specified Value
LBM2016
Inductance change : Within±5%
LB1608
LB2012
LBR2012
CB2012
Inductance change : Within±20%
CBL2012
LB2016
CB2016
LB2518
LBR2518
CB2518
LBC3225
CBC3225
LBMF1608
CBMF1608
LBC2016
CBC2016
Inductance change : Within±25%
LBC2518
CBC2518
LB3218
LBC2012
CBC2012
Inductance change : Within±35%
Test Methods and
Remarks
Change of maximum inductance deviation in step 1-5
Step
Temperature(℃)
LB, CB Series
1
20
2
-40
3
20(Reference temperature)
4
+85(Maximum operating temperature)
5
20
9.Rasistance to Flexure of Substrate
Specified Value
LB, LBC, LBR, LBMF Series
No damage.
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
Warp
: 2mm(LB・LBC・LBR・CB・CBC・CBL・LBM・LBMF・CBMF Series)
Test substrate : Board according to JIS C0051
Thickness
: 0.8mm(LB・LBMF・CBMF1608)
: 1.0mm(Others)
10.Body Strength
Specified Value
LB, LBC, LBR, LBMF Series
No damage.
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
LB・LBC・LBR・CB・CBC・CBL・LBM
Applied force
: 10N
Duration
: 10sec.
LB1608・LBMF1608・CBMF1608
Applied force
: 5N
Duration
: 10sec.
11.Adhesion of terminal electrode
Specified Value
LB, LBC, LBR, LBMF Series
No abnormality.
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
LB・LBC・LBR・CB・CBC・CBL・LBM・LBMF・CBMF
Applied force
: 10N to X and Y directions
Duration
: 5 sec.
Test substrate
: Printed board
LB1608・CBMF1608・LBMF1608
Applied force
: 5N to X and Y directions
Duration
: 5 sec.
Test substrate
: Printed board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com