Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB641E Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # AT45DB641E
Description  64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB641E Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button AT45DB641E Datasheet HTML 26Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 27Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 28Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 29Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 30Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 31Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 32Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 33Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
30
AT45DB641E
DS-45DB641E-027E–DFLASH–1/2014
9.4.6
EPE Bit
The EPE bit indicates whether the last erase or program operation completed successfully or not. If at least one byte
during the erase or program operation did not erase or program properly, then the EPE bit will be set to the Logic 1 state.
The EPE bit will not be set if an erase or program operation aborts for any reason, such as an attempt to erase or
program a protected region or a locked down sector or an attempt to erase or program a suspended sector. The EPE bit
is updated after every erase and program operation.
9.4.7
SLE Bit
The SLE bit indicates whether or not the Sector Lockdown command is enabled or disabled. If the SLE bit is a Logic 1,
then the Sector Lockdown command is still enabled and sectors can be locked down. If the SLE bit is a Logic 0, then the
Sector Lockdown command has been disabled and no further sectors can be locked down.
9.4.8
PS2 Bit
The PS2 bit indicates if a program operation has been suspended while using Buffer 2. If the PS2 bit is a Logic 1, then a
program operation has been suspended while Buffer 2 was being used, and any command attempts that would modify
the contents of Buffer 2 will be ignored.
9.4.9
PS1 Bit
The PS1 bit indicates if a program operation has been suspended while using Buffer 1. If the PS1 bit is a Logic 1, then a
program operation has been suspended while Buffer 1 was being used, and any command attempts that would modify
the contents of Buffer 1 will be ignored.
9.4.10 The ES bit
The ES bit indicates whether or not an erase has been suspended. If the ES bit is a Logic 1, then an erase operation
(page, block, sector, or chip) has been suspended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com