Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB641E Datasheet(PDF) 60 Page - List of Unclassifed Manufacturers

Part # AT45DB641E
Description  64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB641E Datasheet(HTML) 60 Page - List of Unclassifed Manufacturers

Back Button AT45DB641E Datasheet HTML 56Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 57Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 58Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 59Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 60Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 61Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 62Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 63Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 64Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 72 page
background image
60
AT45DB641E
DS-45DB641E-027E–DFLASH–1/2014
Figure 25-10. Status Register Read (Opcode D7h)
Figure 25-11. Manufacturer and Device Read (Opcode 9Fh)
Figure 25-12.Reset Timing
Note:
1.
The CS signal should be in the high state before the RESET signal is deasserted.
SCK
CS
SI
SO
MSB
2
3
1
0
1
1
0
1
0
1
1
1
6
7
5
4
10 11
9
8
12
21 22
17
20
19
18
15 16
13 14
23 24
Opcode
MSB
MSB
D
D
D
D
D
D
D
D
D
D
MSB
D
D
D
D
D
D
D
D
Status Register Data
Status Register Data
High-impedance
SCK
CS
SI
SO
6
0
9Fh
8
7
46
Opcode
1Fh
00h
01h
00h
Manufacturer ID
Device ID
Byte 1
Device ID
Byte 2
EDI
String Length
EDI
Data Byte 1
High-impedance
14
16
15
22
24
23
38
40
39
30
32
31
Note: Each transition
shown for SI and SO represents one byte (8 bits)
28h
CS
SCK
RESET
SO (Output)
High Impedance
High Impedance
SI (Input)
tRST
tREC
tCSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com