Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB641E Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # AT45DB641E
Description  64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB641E Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button AT45DB641E Datasheet HTML 59Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 60Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 61Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 62Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 63Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 64Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 65Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 66Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 72 page
background image
63
AT45DB641E
DS-45DB641E-027E–DFLASH–1/2014
27.
Ordering Information (Standard DataFlash Page Size)
27.1
Ordering Detail
Device Grade
H
= Green, NiPdAu lead finish,
Industrial temperature range
(–40°C to +85°C)
U
= Green, Matte Sn or Sn alloy,
Industrial temperature range
(–40°C to +85°C)
Designator
Product Family
Device Density
Device Revision
Shipping Carrier Option
Package Option
64 = 6-Mbit
Interface
1 = Serial
45DB = DataFlash
B
= Bulk (tubes)
T
= Tape and reel
Y
= Trays
Operating Voltage
N
= 1.65V minimum (1.65V to 3.6V)
S
= 8-lead, 0.208” wide SOIC
M
= 8-pad, 5 x 6 x 0.6mm UDFN
MW = 8-pad, 6 x 8 x 1.0mm VDFN
CC = 9-ball, 3 x 3 (1mm pitch) UBGA
A T 45DB641E-SHN-B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com