Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB641E Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # AT45DB641E
Description  64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB641E Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button AT45DB641E Datasheet HTML 42Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 43Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 44Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 45Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 46Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 47Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 48Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 49Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 72 page
background image
46
AT45DB641E
DS-45DB641E-027E–DFLASH–1/2014
18.
Electrical Specifications
18.1
Absolute Maximum Ratings*
18.2
DC and AC Operating Range
Temperature under Bias . . . . . . . -55°C to +125°C
Storage Temperature . . . . . . . . . . -65°C to +150°C
All Input Voltages
(except VCC but including NC pins)
with Respect to Ground . . . . . . -0.6V to V
CC + 0.6V
All Output Voltages
with Respect to Ground . . . . . . -0.6V to VCC + 0.6V
*Notice: Stresses beyond those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. The
“Absolute Maximum Ratings” are stress ratings only and
functional operation of the device at these or any other
conditions beyond those indicated in the operational
sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods
may affect device reliability. Voltage extremes referenced in
the “Absolute Maximum Ratings” are intended to
accommodate short duration undershoot/overshoot
conditions and does not imply or guarantee functional device
operation at these levels for any extended period of time.
AT45DB641E
Operating Temperature (Case)
Industrial
-40
C to 85C
VCC Power Supply
1.7V to 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com