Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB641E Datasheet(PDF) 68 Page - List of Unclassifed Manufacturers

Part # AT45DB641E
Description  64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB641E Datasheet(HTML) 68 Page - List of Unclassifed Manufacturers

Back Button AT45DB641E Datasheet HTML 64Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 65Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 66Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 67Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 68Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 69Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 70Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 71Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 72Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 68 / 72 page
background image
68
AT45DB641E
DS-45DB641E-027E–DFLASH–1/2014
1
2
3
4
8
7
6
5
SI
SCK
RESET
CS
SO
GND
VCC
WP
8-lead SOIC
Top View
28.3
8MW1 - 8-pad VDFN
DRAWING NO.
REV.
TITLE
Package Drawing Contact:
contact@adestotech.com
8MW1
E
1/12/09
8MW1, 8-pad (6 x 8 x 1.0 mm Body), Thermally
Enhanced Plastic Very Thin Dual Flat No Lead
Package (VDFN)
Bottom View
Top View
Side View
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
0.80
–
0.35
5.90
4.70
7.90
4.80
0.45
A
A1
b
C
D
D1
E
E1
e
L
K
–
–
0.40
0.203 REF
6.00
4.80
8.00
4.90
1.27
0.50
1.05 REF
1.00
0.05
0.48
6.10
4.90
8.10
5.00
0.55
Pin 1 ID
E
D
A1
A
C
Pin #1 ID
E1
D1
L
b
e
K
1
Pin #1
Chamfer
(C 0.30)
Option A
Pin #1
Notch
(0.20 R)
Option B
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com