Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSB41BA3DIPFP Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3DIPFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41BA3DIPFP Datasheet(HTML) 19 Page - Texas Instruments

Back Button TSB41BA3DIPFP Datasheet HTML 15Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 16Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 17Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 18Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 19Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 20Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 21Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 22Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
APPLICATION INFORMATION
Internal Register Configuration
TSB41BA3D
www.ti.com ............................................................................................................................................... SLLS959A – DECEMBER 2008 – REVISED MARCH 2009
Obtain reference schematics, reference layouts, debug documents, and software recommendations for the
TSB41BA3D from the Texas Instruments website or your local Texas Instruments representative.
The TSB41BA3D has 16 accessible internal registers. The configuration of the registers at addresses 0h through
7h (the base registers) is fixed, whereas the configuration of the registers at addresses 8h through Fh (the paged
registers) depends on which of eight pages, numbered 0h through 7h, is currently selected. The selected page is
set in base register 7h. Note that while this register set is compatible with 1394a-2000 register sets, some fields
have been redefined, and this register set contains additional fields.
Table 4 shows the configuration of the base registers, and Table 5 gives the corresponding field descriptions.
The base register field definitions are unaffected by the selected page number.
A reserved register or register field (marked as Reserved or Rsvd in the following register configuration tables) is
read as 0, but is subject to future usage. All registers in address pages 2 through 6 are reserved.
Table 4. Base Register Configuration
BIT POSITION
Address
0
1
2
3
4
5
6
7
0000
Physical ID
R
CPS
0001
RHB
IBR
Gap_Count
0010
Extended (111b)
Num_Ports (0011b)
0011
PHY_Speed (111b)
SREN
Delay (1111b)
0100
LCtrl
C
Jitter (000b)
Pwr_Class
0101
WDIE
ISBR
CTOI
CPSI
STOI
PEI
EAA
EMC
0110
Max Legacy SPD
BLINK
Bridge
Rsvd
0111
Page_Select
Rsvd
Port_Select
Table 5. Base Register Field Descriptions
FIELD
SIZE
TYPE
DESCRIPTION
Physical ID
6
Rd
This field contains the physical address ID of this node determined during self-ID. The physical-ID is
invalid after a bus reset until the self-ID has completed as indicated by an unsolicited register 0 status
transfer from the PHY to the LLC.
R
1
Rd
Root. This bit indicates that this node is the root node. The R bit is reset to 0 by bus reset, and is set to 1
during tree-ID if this node becomes root.
CPS
1
Rd
Cable-power status. This bit indicates the state of the CPS input terminal. The CPS terminal is normally
tied to serial bus cable power through a 400-k
Ω resistor. A 0 in this bit indicates that the cable-power
voltage has dropped below its threshold for ensured reliable operation.
RHB
1
Rd/Wr
Root-holdoff bit. This bit instructs the PHY to attempt to become root after the next bus reset. The RHB
bit is reset to 0 by a hardware reset and is unaffected by a bus reset. If two nodes on a single bus have
their root holdoff bit set, then the result is not defined. To prevent two nodes from having their root-holdoff
bit set, this bit must only be written using a PHY configuration packet.
IBR
1
Rd/Wr
Initiate bus reset. This bit instructs the PHY to initiate a long (166-
µs) bus reset at the next opportunity.
Any receive or transmit operation in progress when this bit is set completes before the bus reset is
initiated. The IBR bit is reset to 0 after a hardware reset or a bus reset. Care must be exercised when
writing to this bit to not change the other bits in this register. It is recommended that whenever possible a
bus reset be initiated using the ISBR bit and not the IBR bit.
Gap_Count
6
Rd/Wr
Arbitration gap count. This value sets the subaction (fair) gap, arb-reset gap, and arb-delay times. The
gap count can be set either by a write to the register, or by reception or transmission of a PHY_CONFIG
packet. The gap count is reset to 3Fh by hardware reset or after two consecutive bus resets without an
intervening write to the gap count register (either by a write to the PHY register or by a PHY_CONFIG
packet). It is strongly recommended that this field only be changed using PHY configuration
packets.
Extended
3
Rd
Extended register definition. For the TSB41BA3D, this field is 111b, indicating that the extended register
set is implemented.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): TSB41BA3D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com