Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSB41BA3DIPFP Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3DIPFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41BA3DIPFP Datasheet(HTML) 14 Page - Texas Instruments

Back Button TSB41BA3DIPFP Datasheet HTML 10Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 11Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 12Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 13Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 14Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 15Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 16Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 17Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
TSB41BA3D
SLLS959A – DECEMBER 2008 – REVISED MARCH 2009 ............................................................................................................................................... www.ti.com
over operating free-air temperature (unless otherwise noted)
MIN
MAX
UNIT
VDD
Supply voltage range(2)
–0.3
4
V
VI
Input voltage range(2)
–0.5
VDD + 0.5
V
VO
Output voltage range at any output
–0.5
VDD + 0.5
V
Continuous total power dissipation
See Table 3
TSB41BA3D
0
70
TA
Operating free-air temperature
°C
TSB41BA3DI
–40
85
Tstg
Storage temperature range
–65
150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground.
Table 3. DISSIPATION RATINGS
TA≤ 25°C
DERATING FACTOR(1)
TA = 70C
TA = 85C
PACKAGE
POWER RATING
ABOVE TA = 25C
POWER RATING
POWER RATING
PFP(2)
5.05 W
52.5 mW/C
2.69 W
1.9 W
PFP(3)
3.05 W
31.7 mW/C
1.62 W
1.15 W
PFP(4)
2.01 W
20.3 mW/C
1.1 W
1.1 W
(1)
This is the inverse of the traditional junction-to-ambient thermal resistance (RθJA).
(2)
2-oz. trace and copper pad with solder.
(3)
2-oz. trace and copper pad without solder.
(4)
For more information, see the Texas Instruments application note PowerPAD ™ Thermally Enhanced Package (SLMA002).
14
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TSB41BA3D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com