Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSB41BA3DIPFP Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3DIPFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41BA3DIPFP Datasheet(HTML) 34 Page - Texas Instruments

Back Button TSB41BA3DIPFP Datasheet HTML 30Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 31Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 32Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 33Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 34Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 35Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 36Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 37Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
TSB41BA3D
SLLS959A – DECEMBER 2008 – REVISED MARCH 2009 ............................................................................................................................................... www.ti.com
Table 16 shows the encoding for the request type.
Table 16. Request Type Encoding
LR1–LR3
NAME
DESCRIPTION
000
ImmReq
Immediate bus request. On detection of idle, the PHY takes control of the bus immediately without arbitration.
Isochronous bus request. On detection of idle, the PHY arbitrates for the bus without waiting for a subaction
001
IsoReq
gap.
010
PriReq
Priority bus request. The PHY arbitrates for the bus after a subaction gap, ignores the fair protocol.
011
FairReq
Fair bus request. The PHY arbitrates for the bus after a subaction gap, follows the fair protocol.
100
RdReg
The PHY returns the specified register contents through a status transfer.
101
WrReg
Write to the specified register
110
AccelCtl
Enable or disable asynchronous arbitration acceleration
111
Reserved
Reserved
For a bus request, the length of the LREQ bit stream is 7 or 8 bits as shown in Table 17.
Table 17. Bus Request
BIT(s)
NAME
DESCRIPTION
0
Start bit
Indicates the beginning of the transfer (always 1)
1–3
Request type
Indicates the type of bus request. See Table 16.
Indicates the speed at which the PHY sends the data for this request. See Table 18 for the encoding of this
4–6
Request speed
field.
7
Stop bit
Indicates the end of the transfer (always 0). If bit 6 is 0, then this bit can be omitted.
Table 18 shows the 3-bit request speed field used in bus requests.
Table 18. Bus Request Speed Encoding
LR4–LR6
DATA RATE
000
S100
010
S200
100
S400
All Others
Invalid
NOTE:
The TSB41BA3D accepts a bus request with an invalid speed code and processes
the bus request normally. However, during packet transmission for such a request, the
TSB41BA3D ignores any data presented by the LLC and transmits a null packet.
For a read register request, the length of the LREQ bit stream is 9 bits as shown in Table 19.
Table 19. Read Register Request
BIT(s)
NAME
DESCRIPTION
0
Start bit
Indicates the beginning of the transfer (always 1)
1–3
Request type
A 100 indicates this is a read register request.
4–7
Address
Identifies the address of the PHY register to be read
8
Stop bit
Indicates the end of the transfer (always 0)
For a write register request, the length of the LREQ bit stream is 17 bits as shown in Table 20.
34
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TSB41BA3D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com