Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSB41BA3DIPFP Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3DIPFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41BA3DIPFP Datasheet(HTML) 53 Page - Texas Instruments

Back Button TSB41BA3DIPFP Datasheet HTML 49Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 50Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 51Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 52Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 53Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 54Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 55Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 56Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
TSB41BA3D
www.ti.com ............................................................................................................................................... SLLS959A – DECEMBER 2008 – REVISED MARCH 2009
Table 39. Link Request Type Encoding During Packet
Transmission
D1–D3
Request Type
000
No request
001
Isoch_Req_Odd
010
Isoch_Req_Even
011
Current
100
Next_Even
101
Next_Odd
110
Cyc_Start_Req
111
Reserved
Table 40. Link Request Speed Code Encoding During
Packet Transmission
D5–D6
DATA RATE
00
S100
01
S200
10
S400
11
S800
Table 41. Link Request Format Encoding During Packet Transmission
D0
FORMAT
0
Link does not request either Beta or legacy packet format for bus transmission.
1
Link requests Beta packet format for bus transmission.
Table 42. Subaction End Notification Encoding During Packet Transmission
D4
DESCRIPTION
0
Transmitted packet does not represent end of a subaction.
1
Transmitted packet marks the end of a subaction.
The PHY indicates to the link during the GRANT cycle which type of grant is being issued. This indication
includes the grant type as well as the grant speed. The link uses the bus grant for transmitting the granted
packet type. The link transmits a granted packet type only if its request type exactly matches the granted speed
and the granted format.
Table 43. Format Type During Grant Cycle
D0 VALUE DURING
FORMAT
GRANT CYCLE
0
Unspecified
1
Beta format
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
53
Product Folder Link(s): TSB41BA3D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com