Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSB41BA3DIPFP Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3DIPFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41BA3DIPFP Datasheet(HTML) 25 Page - Texas Instruments

Back Button TSB41BA3DIPFP Datasheet HTML 21Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 22Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 23Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 24Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 25Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 26Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 27Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 28Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
TPA+
TPA-
TPB+
TPB-
Cable Port
CPS
TPBIAS
56 Ω
56 Ω
56 Ω
56 Ω
5 kΩ
1 µF
400 kΩ
270 pF
(see Note A)
TSB41BA3D
Cable
Power
Pair
Cable
Pair
A
Cable
Pair
B
Outer Shield
Termination
VP
VG
1 MΩ
0.1 µF
270 µF
TSB41BA3D
www.ti.com ............................................................................................................................................... SLLS959A – DECEMBER 2008 – REVISED MARCH 2009
Table 12. Power-Class Descriptions
PC0–PC2
DESCRIPTION
000
Node does not need power and does not repeat power.
001
Node is self-powered and provides a minimum of 15 W to the bus.
010
Node is self-powered and provides a minimum of 30 W to the bus.
011
Node is self-powered and provides a minimum of 45 W to the bus.
100
Node can be powered from the bus and is using up to 3 W; no additional power is needed to enable the link. The node can
also provide power to the bus. The amount of bus power that it provides can be found in the configuration ROM.
101
Reserved for future standardization.
110
Node is powered from the bus and uses up to 3 W. An additional 3 W is needed to enable the link.
111
Node is powered from the bus and uses up to 3 W. An additional 7 W is needed to enable the link.
A.
The IEEE Std 1394-1995 calls for a 250-pF capacitor, which is a nonstandard component value. A 270-pF capacitor
is recommended.
Figure 4. Typical TP Cable Connections
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): TSB41BA3D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com