Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89SND2CMP3B Datasheet(PDF) 65 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 65 Page - ATMEL Corporation

Back Button AT89SND2CMP3B Datasheet HTML 61Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 62Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 63Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 64Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 65Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 66Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 67Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 68Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 69Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 242 page
background image
65
4341H–MP3–10/07
AT8xC51SND2C/MP3B
13.2
Audio Controls
13.2.1
Volume Control
The MP3 decoder implements volume control on both right and left channels. The MP3VOR and
MP3VOL registers allow a 32-step volume control according to Table 13-2.
Table 13-2.
Volume Control
13.2.2
Equalization Control
Sound can be adjusted using a 3-band equalizer: a bass band under 750 Hz, a medium band
from 750 Hz to 3300 Hz and a treble band over 3300 Hz. The MP3BAS, MP3MED, and
MP3TRE registers allow a 32-step gain control in each band according to Table 13-3.
Table 13-3.
Bass, Medium, Treble Control
13.2.3
Special Effect
The MPBBST bit in MP3CON register allows enabling of a bass boost effect with the following
characteristics: gain increase of +9 dB in the frequency under 375 Hz.
13.3
Decoding Errors
The three different errors that can appear during frame processing are detailed in the following
sections. All these errors can trigger an interrupt as explained in Section "Interrupt", page 66.
13.3.1
Layer Error
The ERRSYN flag in MP3STA is set when a non-supported layer is decoded in the header of the
frame that has been sent to the decoder.
13.3.2
Synchronization Error
The ERRSYN flag in MP3STA is set when no synchronization pattern is found in the data that
have been sent to the decoder.
VOL4:0 or VOR4:0
Volume Gain (dB)
00000
Mute
00001
-33
00010
-27
11110
-1.5
11111
0
BAS4:0 or MED4:0 or TRE4:0
Gain (dB)
00000
- ∞
00001
-14
00010
-10
11110
+1
11111
+1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com