Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89SND2CMP3B Datasheet(PDF) 99 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 99 Page - ATMEL Corporation

Back Button AT89SND2CMP3B Datasheet HTML 95Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 96Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 97Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 98Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 99Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 100Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 101Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 102Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 103Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 242 page
background image
99
4341H–MP3–10/07
AT8xC51SND2C/MP3B
Table 15-27. PA Operating Mode
Table 15-28. PA Low Power Mode
15.3
Audio Supplies and Start-up
In operating mode AUDVBAT (supply of the audio power amplifier) must be between 3.2V and
5,5V.
AUDVDD, HSVDD and VDD must be inferior or equal to AUDVBAT.
A typical application is AUDVBAT connected to a battery and AUDVDD, HSVDD and VDD sup-
plied by regulators.
AUDVBAT must be present at the same time or before AUDVDD, HSVDD and VDD.
AUDRST must be active low (0) until the voltages are not etablished and reach the proper
values.
To avoid noise issues, it is recommended to use ceramic decoupling capacitors for each supply
closed to the package. The track of the supplies must be optimized to minimize the resistance
especially on AUDVBAT where all the current from the power amplifier comes from.
Note:
Refer to the application diagram.
0110
5
0111
2
1000
-1
1001
-4
1010
-7
1011
-10
1100
-13
1101
-16
1110
-19
1111
-22
APAON
APAPRECH
Operating Mode
0
0
Stand-By
0
1
Input Capacitors Precharge
1
0
Active Mode
1
1
Forbidden State
APALP
Power Mode
0
Low power mode
1
High power mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com