Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89SND2CMP3B Datasheet(PDF) 75 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 75 Page - ATMEL Corporation

Back Button AT89SND2CMP3B Datasheet HTML 71Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 72Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 73Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 74Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 75Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 76Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 77Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 78Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 79Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 242 page
background image
75
4341H–MP3–10/07
AT8xC51SND2C/MP3B
14.2
Clock Generator
The audio interface clock is generated by division of the PLL clock. The division factor is given
by AUCD4:0 bits in CLKAUD register. Figure 14-2 shows the audio interface clock generator
and its calculation formula. The audio interface clock frequency depends on the incoming MP3
frames and the audio DAC used.
Figure 14-2. Audio Clock Generator and Symbol
As soon as audio interface is enabled by setting AUDEN bit in AUDCON1 register, the master
clock generated by the PLL is output on the SCLK pin which is the DAC system clock. This clock
is output at 256 or 384 times the sampling frequency depending on the DAC capabilities. HLR bit
in AUDCON0 register must be set according to this rate for properly generating the audio bit
clock on the DCLK pin and the word selection clock on the DSEL pin. These clocks are not gen-
erated when no data is available at the data converter input.
For DAC compatibility, the bit clock frequency is programmable for outputting 16 bits or 32 bits
per channel using the DSIZ bit in AUDCON0 register (see Section "Data Converter", page 75),
and the word selection signal is programmable for outputting left channel on low or high level
according to POL bit in AUDCON0 register as shown in Figure 14-3.
Figure 14-3. DSEL Output Polarity
14.3
Data Converter
The data converter block converts the audio stream input from the 16-bit parallel format to a
serial format. For accepting all PCM formats and I2S format, JUST4:0 bits in AUDCON0 register
are used to shift the data output point. As shown in Figure 14-4, these bits allow MSB justifica-
tion by setting JUST4:0 = 00000, LSB justification by setting JUST4:0 = 10000, I2S justification
by setting JUST4:0 = 00001, and more than 16-bit LSB justification by filling the low significant
bits with logic 0.
Table 14-1.
DAC Format Programing Examples
AUCD4:0
AUDCLK
Audio Interface Clock
AUDclk
PLLclk
AUCD
1
+
---------------------------
=
Audio Clock Symbol
AUD
CLOCK
PLL
CLOCK
Left Channel
Right Channel
POL = 1
POL = 0
Left Channel
Right Channel
Dac Format
POL
DSIZ
JUST4:0
16-bit I2S
0
0
00001
> 16-bit I2S
0
1
00001
16-bit PCM
1
0
00000
18-bit PCM LSB justified
1
1
01110
20-bit PCM LSB justified
1
1
01100
20-bit PCM MSB justified
1
1
00000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com