Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89SND2CMP3B Datasheet(PDF) 82 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 82 Page - ATMEL Corporation

Back Button AT89SND2CMP3B Datasheet HTML 78Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 79Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 80Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 81Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 82Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 83Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 84Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 85Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 86Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 242 page
background image
82
4341H–MP3–10/07
AT8xC51SND2C/MP3B
15.1.1
DAC Features
• 20 bit D/A Conversion
• 72dB Dynamic Range, -75dB THD Stereo line-in or microphone interface with 20dB amplification
• 93dB Dynamic Range, -80dB THD Stereo D/A conversion
• 74dB Dynamic Range / -65dB THD for 20mW output power over 32 Ohm loads
• Stereo, Mono and Reverse Stereo Mixer
• Left/Right speaker short-circuit detection flag
• Differential mono auxiliary input amplifier and PA driver
• Audio sampling rates (Fs): 16, 22.05, 24, 32, 44.1 and 48 kHz.
Figure 15-2. Stereo DAC functional diagram
Digital Filter
Digital Filter
Volume
Control
Volume
Control
Volume
Control
Volume
Control
SPKR
DRV
32
DAC
DAC
PGA
PGA
SPKR
DRV
32
HSR
HSR
HSR
HSR
HSL
HSL
HSL
HSL
LINEL
LINEL
LINEL
LINEL
LINER
LINER
LINER
LINER
Serial to
Parallel
Interface
DSEL
DSEL
DSEL
DSEL
DCLK
DCLK
DCLK
DCLK
+
+
+
+
+
+
+
+
AUXN
AUXN
AUXN
AUXN
AUXP
AUXP
AUXP
AUXP
AUX
PADRV
MONON
MONON
MONON
MONON
MONOP
MONOP
MONOP
MONOP
+
+
+
+
+
+
+
+
+
+
+
+
DOUT
DOUT
DOUT
DOUT
SCLK
SCLK
SCLK
SCLK
DAC_OLC Gain
6 to -6dB (3dB)
LLIG,RLIG Gain
20,12 to -33 dB
(3dB)
AUXG Gain
PA Gain
Line Out Gain
LLOG, RLOG
0 to -46.5dB
(1.5dB)
Master Playback
Gain
12 to -34dB (1.5dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com