Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89SND2CMP3B Datasheet(PDF) 54 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 54 Page - ATMEL Corporation

Back Button AT89SND2CMP3B Datasheet HTML 50Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 51Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 52Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 53Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 54Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 55Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 56Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 57Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 58Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 242 page
background image
54
4341H–MP3–10/07
AT8xC51SND2C/MP3B
Figure 11-3. Mode 0 Overflow Period Formula
11.3.2
Mode 1 (16-bit Timer)
Mode 1 configures Timer 0 as a 16-bit Timer with TH0 and TL0 registers connected in cascade
(see Figure 11-4). The selected input increments TL0 register. Figure 11-5 gives the overflow
period calculation formula when in timer mode.
Figure 11-4. Timer/Counter x (x = 0 or 1) in Mode 1
Figure 11-5. Mode 1 Overflow Period Formula
11.3.3
Mode 2 (8-bit Timer with Auto-Reload)
Mode 2 configures Timer 0 as an 8-bit Timer (TL0 register) that automatically reloads from TH0
register (see Table 11-2). TL0 overflow sets TF0 flag in TCON register and reloads TL0 with the
contents of TH0, which is preset by software. When the interrupt request is serviced, hardware
clears TF0. The reload leaves TH0 unchanged. The next reload value may be changed at any
time by writing it to TH0 register. Figure 11-7 gives the autoreload period calculation formula
when in timer mode.
Figure 11-6. Timer/Counter x (x = 0 or 1) in Mode 2
Figure 11-7. Mode 2 Autoreload Period Formula
6 ⋅ (16384 – (THx, TLx))
TFx
PER=
FTIMx
TRx
TCON Reg
TFx
TCON Reg
0
1
GATEx
TMOD Reg
Overflow
Timer x
Interrupt
Request
C/Tx#
TMOD Reg
TLx
(8 bits)
THx
(8 bits)
INTx
Tx
TIMx
CLOCK
÷
6
6
⋅ (65536 – (THx, TLx))
TFxPER=
F
TIMx
TRx
TCON reg
TFx
TCON reg
0
1
GATEx
TMOD reg
Overflow
Timer x
Interrupt
Request
C/Tx#
TMOD reg
TLx
(8 bits)
THx
(8 bits)
INTx
Tx
TIMx
CLOCK
÷
6
TFxPER=
F
TIMx
6
⋅ (256 – THx)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com