Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89SND2CMP3B Datasheet(PDF) 105 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 105 Page - ATMEL Corporation

Back Button AT89SND2CMP3B Datasheet HTML 101Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 102Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 103Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 104Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 105Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 106Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 107Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 108Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 109Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 242 page
background image
105
4341H–MP3–10/07
AT8xC51SND2C/MP3B
16.3.2
Serial Interface Engine (SIE)
The SIE performs the following functions:
•
NRZI data encoding and decoding.
•
Bit stuffing and unstuffing.
•
CRC generation and checking.
•
ACKs and NACKs automatic generation.
•
TOKEN type identifying.
•
Address checking.
•
Clock recovery (using DPLL).
Figure 16-4. SIE Block Diagram
16.3.3
Function Interface Unit (UFI)
The Function Interface Unit provides the interface between the AT8xC51SND2C and the SIE. It
manages transactions at the packet level with minimal intervention from the device firmware,
which reads and writes the endpoint FIFOs.
Figure 16-6 shows typical USB IN and OUT transactions reporting the split in the hardware (UFI)
and software (C51) load.
8
Start of Packet
Detector
Clock
Recover
SYNC Detector
PID Decoder
Address Decoder
Serial to Parallel
Converter
CRC5 & CRC16
Generator/Check
USB Pattern Generator
Parallel to Serial Converter
Bit Stuffing
NRZI Converter
CRC16 Generator
NRZI ‘ NRZ
Bit Unstuffing
Packet Bit Counter
End of Packet
Detector
USB
CLOCK
48 MHz
SysClk
Data In
D+
D-
(12 MHz)
8
Data Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com