Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP337E Datasheet(PDF) 11 Page - Exar Corporation

Part # SP337E
Description  3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP337E Datasheet(HTML) 11 Page - Exar Corporation

Back Button SP337E Datasheet HTML 7Page - Exar Corporation SP337E Datasheet HTML 8Page - Exar Corporation SP337E Datasheet HTML 9Page - Exar Corporation SP337E Datasheet HTML 10Page - Exar Corporation SP337E Datasheet HTML 11Page - Exar Corporation SP337E Datasheet HTML 12Page - Exar Corporation SP337E Datasheet HTML 13Page - Exar Corporation SP337E Datasheet HTML 14Page - Exar Corporation SP337E Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
FIGURE 10. RS-485 DRIVER ENABLE AND DISABLE TIMING DIAGRAM 2
DE
OUT
Vcc/2
t
DZL
V
OM = (VOL + Vcc)/2
0.25V
Vcc
0
V
OL
t
DLZ
FIGURE 11. RS-485 RECEIVER PROPAGATION DELAY TEST CIRCUIT
OUT
R
A
B
VID
RE
C
L
15pF
FIGURE 12. RS-485 RECEIVER PROPAGATION DELAY TIMING DIAGRAM
B
A
OUT
tPHL
tPLH
+1V
-1V
V
OH
V
OL
1.5V
SP337E
11
REV. 1.0.2
3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com