Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP337E Datasheet(PDF) 6 Page - Exar Corporation

Part # SP337E
Description  3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP337E Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP337E Datasheet HTML 2Page - Exar Corporation SP337E Datasheet HTML 3Page - Exar Corporation SP337E Datasheet HTML 4Page - Exar Corporation SP337E Datasheet HTML 5Page - Exar Corporation SP337E Datasheet HTML 6Page - Exar Corporation SP337E Datasheet HTML 7Page - Exar Corporation SP337E Datasheet HTML 8Page - Exar Corporation SP337E Datasheet HTML 9Page - Exar Corporation SP337E Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
SP337E
6
3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
REV. 1.0.2
IOSS
Receiver Output ShortCircuit Current
+/-40
+/-65
mA
0 < Vo < Vcc
IOZ
Receiver Output Leakage Current
+/-0.1
+/-1.5
μA
Receivers Disabled
SINGLE-ENDED RECEIVER INPUTS (RS-232)
Input Voltage Range
-15
+15
V
Input Threshold Low
0.6
1.2
V
VCC = 3.3V
0.8
1.5
V
VCC = 5.0V
Input Threshold HIGH
1.5
2.0
V
VCC = 3.3V
1.8
2.4
V
VCC = 5.0V
Input Hysteresis
0.5
V
Input Resistance
3
5
7
k
Ω
DIFFERENTIAL RECEIVER INPUTS (RS-485 / RS-422)
RIN
Receiver Input Resistance
96
k
Ω
-7V
≤ VCM ≤ +12V
VTH
Receiver Differential Threshold
-200
-125
-50
mV
ΔVTH
Receiver Input Hysteresis
30
mV
VCM = 0V
IIN
Input Current
125
μA
VIN = 12V
-100
μA
VIN = -7V
SINGLE-ENDED DRIVER OUTPUTS (RS-232)
VO
Output Voltage Swing
+/-5.0
+/-5.4
V
Output Loaded with 3k
Ω to Gnd
+/-7.0
V
No Load Output
Short Circuit Current
+/-60
mA
VO = 0V
Power Off Impedance
300
10M
W
Vcc = 0V; VO = +/-2V
DIFFERENTIAL DRIVER OUTPUTS (RS-485 / RS-422)
VOD
Differential Driver Output (Tx_Out)
2
Vcc
V
RL = 100Ω (RS-422), Figure 2
1.5
Vcc
V
RL = 54Ω (RS-485), Figure 2
1.5
Vcc
V
VCM = -7V, Figure 3
1.5
Vcc
V
VCM = +12V, Figure 3
ΔVOD
Change In Magnitude of
Differential Output Voltage
-0.2
+0.2
V
RL = 54Ω or 100Ω, Figure 2
VOC
Driver CommonMode Output Voltage
3
V
RL = 54Ω or 100Ω, Figure 2
ΔVOC
Change In Magnitude of
Common Mode Output Voltage
0.2
V
RL = 54Ω or 100Ω, Figure 2
IOSD
Driver Output Short Circuit Current
+/-250
mA
V = +12V to -7V, Figure 4
IO
Output Leakage Current
+/-100
μA
TXEN = 0V or Shutdown,
VO = +12V to -7V
TIMING CHARACTERISTICS
UNLESS OTHERWISE NOTED: VCC = +3.3V +/-5% OR +5.0V +/-5%, C1-C4 = 0.1
μF; TA = TMIN TO TMAX.
TYPICAL VALUES ARE AT VCC = 3.3V, TA = +25OC.
SYMBOL
PARAMETERS
MIN.TYP.
MAX.UNITS
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com