Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP337E Datasheet(PDF) 5 Page - Exar Corporation

Part # SP337E
Description  3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP337E Datasheet(HTML) 5 Page - Exar Corporation

  SP337E Datasheet HTML 1Page - Exar Corporation SP337E Datasheet HTML 2Page - Exar Corporation SP337E Datasheet HTML 3Page - Exar Corporation SP337E Datasheet HTML 4Page - Exar Corporation SP337E Datasheet HTML 5Page - Exar Corporation SP337E Datasheet HTML 6Page - Exar Corporation SP337E Datasheet HTML 7Page - Exar Corporation SP337E Datasheet HTML 8Page - Exar Corporation SP337E Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at these ratings or any other above those indicated in the operation sections to the
specifications below is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability and cause permanent
damage to the device.
Supply Voltage VCC
+6.0V
Receiver Input VIN (DC Input Voltage)
-16V to +16V
Input Voltage at TTL input Pins
-0.3V to Vcc + 0.5V
Driver Output Voltage (from Ground)
-7.5V to +12.5V
Short Circuit Duration, TXout to GND
Continuous
Storage Temperature Range
-65°C to + 150°C
Lead Temperature (soldering, 10s)
+300°C
Power Dissipation 28-pin SOIC-W
(derate 17mW/°C above +70°C)
938mW
Power Dissipation 28-pin TSSOP
(derate 12mW/°C above +70°C)
657mW
SP337E
5
REV. 1.0.2
3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
CAUTION:
ESD (Electrostatic Discharge) sensitive device. Permanent damage may occur on unconnected devices subject to high energy electrostatic fields. Unused
devices must be stored in conductive foam or shunts. Personnel should be properly grounded prior to handling this device. The protective foam should be
discharged to the destination socket before devices are removed.
ELECTRICAL CHARACTERISTICS
UNLESS OTHERWISE NOTED: VCC = +3.3V +/-5% OR +5.0V +/-5%, C1-C4 = 0.1
μF; TA = TMIN TO TMAX.
TYPICAL VALUES ARE AT VCC = 3.3V, TA = +25OC.
SYMBOL
PARAMETERS
MIN.
TYP.
MAX.
UNITS
CONDITIONS
DC CHARACTERISTICS
ICC
Supply Current (RS-232)
1.5
6.0
mA
No Load, RS232/RS485 = 0V
ICC
Supply Current (RS-485)
7.0
15
mA
No Load, RS232/RS485 = Vcc
ICC
Vcc Shutdown Current
(SP337EU only)
1.0
10.0
μA
TXEN = 0V, RXEN = Vcc
(SP337EU only)
TRANSMITTER and LOGIC INPUT PINS: Pins 1, 2, 25, 26, 27, 28
VIH
Logic Input Voltage HIGH
2.0
V
Vcc = 3.3V
VIH
Logic Input Voltage HIGH
2.4
V
Vcc = 5.0V
VIL
Logic Input Voltage LOW
0.8
V
IIL
Logic Input Leakage Current
1.0
μA
Input High (Vin = Vcc)
IPU
Logic Input Pull-up Current
15.0
μA
Input Low (Vin = 0V)
VHYS
Logic Input Hysteresis
0.5
V
RS-232 and RS-485/422 RECEIVER OUTPUTS: Pins 19, 20, 21, 22, 23
VOH
Receiver Output Voltage HIGH
Vcc-0.6
V
IOUT = 1.0mA
VOL
Receiver Output Voltage LOW
0.4
V
IOUT = -3.2mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com