Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP337E Datasheet(PDF) 15 Page - Exar Corporation

Part # SP337E
Description  3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP337E Datasheet(HTML) 15 Page - Exar Corporation

Back Button SP337E Datasheet HTML 10Page - Exar Corporation SP337E Datasheet HTML 11Page - Exar Corporation SP337E Datasheet HTML 12Page - Exar Corporation SP337E Datasheet HTML 13Page - Exar Corporation SP337E Datasheet HTML 14Page - Exar Corporation SP337E Datasheet HTML 15Page - Exar Corporation SP337E Datasheet HTML 16Page - Exar Corporation SP337E Datasheet HTML 17Page - Exar Corporation SP337E Datasheet HTML 18Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
TABLE 1: SP337EB
RS232/RS485
TXEN
RXEN
Operation
Charge Pump
Driver and Receiver
Low
Ignored
Low
RS-232
3T/5R
ON
Receivers Enabled
Low
Ignored
High
RS-232
3T/5R
ON
Receivers Disabled
(High-Z Output)
High
Low
Low
RS-485/422
Full-Duplex
2T/2R
ON
Drivers Disabled
(High-Z Output);
Receivers Enabled
High
High
High
RS-485/422
Full-Duplex
2T/2R
ON
Drivers Enabled;
Receivers Disabled
(High-Z Output)
High
Low
High
RS-485/422
Full-Duplex
2T/2R
ON
Drivers Disabled
(High Z output);
Receivers Disabled
(High Z output)
High
High
Low
RS-485/422
Full-Duplex
2T/2R
ON
Drivers Enabled;
Receivers Enabled
SP337E
15
REV. 1.0.2
3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
SP337E Mode Configuration tables
TABLE 2: SP337EU
RS232/RS485
TXEN
RXEN
Operation
Charge Pump
Driver and Receiver
Low
Ignored
Low
RS-232
3T/5R
ON
Receivers Enabled
Low
Ignored
High
RS-232
3T/5R
ON
Receivers Disabled
(High-Z Output)
High
Low
Low
RS-485/422
Full-Duplex
2T/2R
ON
Drivers Disabled
(High-Z Output);
Receivers Enabled
High
High
High
RS-485/422
Full-Duplex
2T/2R
ON
Drivers Enabled;
Receivers Disabled
(High-Z Output)
High
Low
High
RS-485/422
Full-Duplex
2T/2R
OFF
(Shutdown)
Drivers Disabled
(High Z output);
Receivers Disabled
(High Z output)
High
High
Low
RS-485/422
Full-Duplex
2T/2R
ON
Drivers Enabled;
Receivers Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com