Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP337E Datasheet(PDF) 8 Page - Exar Corporation

Part # SP337E
Description  3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP337E Datasheet(HTML) 8 Page - Exar Corporation

Back Button SP337E Datasheet HTML 4Page - Exar Corporation SP337E Datasheet HTML 5Page - Exar Corporation SP337E Datasheet HTML 6Page - Exar Corporation SP337E Datasheet HTML 7Page - Exar Corporation SP337E Datasheet HTML 8Page - Exar Corporation SP337E Datasheet HTML 9Page - Exar Corporation SP337E Datasheet HTML 10Page - Exar Corporation SP337E Datasheet HTML 11Page - Exar Corporation SP337E Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
SP337E
8
3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
REV. 1.0.2
RS-485/RS-422 SHUTDOWN FEATURE APPLIES TO SP337EU ONLY
tDZZV
Shutdown to Driver Output Valid
100
400
ns
tDshutdwn
Driver Time to Shutdown
100
ns
tRZZV
Shutdown to Receiver Output Valid
400
800
ns
tRshutdwn
Receiver Time to Shutdown
100
ns
ESD PROTECTION
ESD Protection for TX and RI
Pins 3, 4, 6, 7, 15, 16, 17, 18, 24
+/-15
kV
Human Body Model
All Other Pins
+/-2
kV
Human Body model
FIGURE 2. RS-485 DRIVER DC TEST CIRCUIT
R
L/2
R
L/2
VOC
T
VCC
VOD
DI
FIGURE 3. RS-485 DRIVER COMMON MODE LOAD TEST
A
B
Tx
DI = 0 or Vcc
60Ω
DE = 3.3V
VOD
375Ω
375Ω
V
CM
UNLESS OTHERWISE NOTED: VCC = +3.3V +/-5% OR +5.0V +/-5%, C1-C4 = 0.1
μF; TA = TMIN TO TMAX.
TYPICAL VALUES ARE AT VCC = 3.3V, TA = +25OC.
SYMBOL
PARAMETERS
MIN.TYP.
MAX.UNITS
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com