Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25P64-VMF6TPBA Datasheet(PDF) 52 Page - Numonyx B.V

Part # M25P64-VMF6TPBA
Description  64 Mbit, low voltage, Serial Flash memory with 75 MHz SPI bus interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P64-VMF6TPBA Datasheet(HTML) 52 Page - Numonyx B.V

Back Button M25P64-VMF6TPBA Datasheet HTML 47Page - Numonyx B.V M25P64-VMF6TPBA Datasheet HTML 48Page - Numonyx B.V M25P64-VMF6TPBA Datasheet HTML 49Page - Numonyx B.V M25P64-VMF6TPBA Datasheet HTML 50Page - Numonyx B.V M25P64-VMF6TPBA Datasheet HTML 51Page - Numonyx B.V M25P64-VMF6TPBA Datasheet HTML 52Page - Numonyx B.V M25P64-VMF6TPBA Datasheet HTML 53Page - Numonyx B.V M25P64-VMF6TPBA Datasheet HTML 54Page - Numonyx B.V M25P64-VMF6TPBA Datasheet HTML 55Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 52 / 55 page
background image
Ordering Information, Automotive Parts
M25P64
52/55
13
Ordering Information, Automotive Parts
Note:
Numonyx strongly recommends the use of the Automotive Grade devices (Auto Grade 6
and 3) in an automotive envirnoment. The high reliability certified flow (HRCF) is described
in the quality note QNEE9801. Please ask your Numonyx sales office for a copy.
Table 21.
Ordering information scheme
Example:
M25P64
–
V
MF
6
T
P
B
A
Device Type
M25P = Serial Flash memory for Code Storage
Device Function
64 = 64 Mbit (8 Mbit x 8)
Security Features
– = no extra security
Operating Voltage
V = VCC = 2.7 V to 3.6 V
Package
MF = SO16 (300 mil width)
Device Grade
6 = Industrial temperature range, –40 to 85 °C.
Device tested with high reliability certified flow.
3 = Automotive temperature range, –40 to 125 °C.
Device tested with high reliability certified flow.
Option
blank = Standard Packing
T = Tape and Reel Packing
Plating Technology
P or G = RoHS compliant
Lithography
B = 110nm, Fab.2 Diffusion Plant
Automotive Grade
blank = Automotive –40 to 125 °C part
A = Automotive –40 °C to 85 °C part (used ONLY in
conjunction with Device Grade 6 to distinguish the Auto
Tested Parts from the non Auto Tested parts).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com