Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25P64-VMF6TPBA Datasheet(PDF) 12 Page - Numonyx B.V

Part # M25P64-VMF6TPBA
Description  64 Mbit, low voltage, Serial Flash memory with 75 MHz SPI bus interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P64-VMF6TPBA Datasheet(HTML) 12 Page - Numonyx B.V

Back Button M25P64-VMF6TPBA Datasheet HTML 8Page - Numonyx B.V M25P64-VMF6TPBA Datasheet HTML 9Page - Numonyx B.V M25P64-VMF6TPBA Datasheet HTML 10Page - Numonyx B.V M25P64-VMF6TPBA Datasheet HTML 11Page - Numonyx B.V M25P64-VMF6TPBA Datasheet HTML 12Page - Numonyx B.V M25P64-VMF6TPBA Datasheet HTML 13Page - Numonyx B.V M25P64-VMF6TPBA Datasheet HTML 14Page - Numonyx B.V M25P64-VMF6TPBA Datasheet HTML 15Page - Numonyx B.V M25P64-VMF6TPBA Datasheet HTML 16Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
SPI modes
M25P64
12/55
Example: Cp = 50 pF, that is R*Cp = 5 µs <=> the application must ensure that the Bus
Master never leaves the SPI bus in the high impedance state for a time period shorter than
5µs.
Figure 5.
SPI modes supported
AI01438B
C
MSB
CPHA
D
0
1
CPOL
0
1
Q
C
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com