Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25P64-VMF6TPBA Datasheet(PDF) 14 Page - Numonyx B.V

Part # M25P64-VMF6TPBA
Description  64 Mbit, low voltage, Serial Flash memory with 75 MHz SPI bus interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P64-VMF6TPBA Datasheet(HTML) 14 Page - Numonyx B.V

Back Button M25P64-VMF6TPBA Datasheet HTML 10Page - Numonyx B.V M25P64-VMF6TPBA Datasheet HTML 11Page - Numonyx B.V M25P64-VMF6TPBA Datasheet HTML 12Page - Numonyx B.V M25P64-VMF6TPBA Datasheet HTML 13Page - Numonyx B.V M25P64-VMF6TPBA Datasheet HTML 14Page - Numonyx B.V M25P64-VMF6TPBA Datasheet HTML 15Page - Numonyx B.V M25P64-VMF6TPBA Datasheet HTML 16Page - Numonyx B.V M25P64-VMF6TPBA Datasheet HTML 17Page - Numonyx B.V M25P64-VMF6TPBA Datasheet HTML 18Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
Operating features
M25P64
14/55
4.5
Active Power and Standby Power modes
When Chip Select (S) is Low, the device is selected, and in the Active Power mode.
When Chip Select (S) is High, the device is deselected, but could remain in the Active
Power mode until all internal cycles have completed (Program, Erase, Write Status
Register). The device then goes in to the Standby Power mode. The device consumption
drops to ICC1.
4.6
Status Register
The Status Register contains a number of status and control bits that can be read or set (as
appropriate) by specific instructions. For a detailed description of the Status Register bits,
see Section 6.4: Read Status Register (RDSR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com