Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMPVIDEVALISA Datasheet(PDF) 35 Page - Intersil Corporation

Part # HMPVIDEVALISA
Description  NTSC/PAL Video Decoder
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMPVIDEVALISA Datasheet(HTML) 35 Page - Intersil Corporation

Back Button HMPVIDEVALISA Datasheet HTML 31Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 32Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 33Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 34Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 35Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 36Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 37Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 38Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 39Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
35
TABLE 41. CLOSED CAPTION_EVEN_A DATA REGISTER
TABLE 42. SUB ADDRESS = 22H
BIT
NO.
FUNCTION
DESCRIPTION
RESET
STATE
7-0
Even Field
Caption Data
If even field captioning is enabled and present, this register is loaded with the first eight
bits of caption data on line 281, 284, or 335. Bit 0 corresponds to the first bit of caption
information. Data written to this register is ignored.
80H
TABLE 43. CLOSED CAPTION_EVEN_B DATA REGISTER
SUB ADDRESS = 23H
BIT
NO.
FUNCTION
DESCRIPTION
RESET
STATE
15-8
Even Field
Caption Data
If even field captioning is enabled and present, this register is loaded with the second eight
bits of caption data on line 281, 284, or 335. Data written to this register is ignored.
80H
TABLE 44. WSS_ODD_A DATA REGISTER
SUB ADDRESS = 24H
BIT
NO.
FUNCTION
DESCRIPTION
RESET
STATE
7-0
Odd Field
WSS Data
If odd field WSS is enabled and present, this register is loaded with the first eight bits of
WSS information on line 17, 20, or 23. Bit 0 corresponds to the first bit of WSS information.
Data written to this register is ignored.
00H
TABLE 45. WSS_ODD_B DATA REGISTER
SUB ADDRESS = 25H
BIT
NO.
FUNCTION
DESCRIPTION
RESET
STATE
15-14
Reserved
00B
13-8
Odd Field
WSS Data
If odd field WSS is enabled and present, this register is loaded with the second six bits of
WSS information on line 17, 20, or 23. Data written to this register is ignored.
000000B
TABLE 46. WSS_CRC_ODD DATA REGISTER
SUB ADDRESS = 26H
BIT
NO.
FUNCTION
DESCRIPTION
RESET
STATE
7-6
Reserved
00B
5-0
Odd Field
WSS CRC Data
If odd fiedl WSS is enabled and present during NTSC operation, this register is loaded
with the six bits of CRC information on line 20. It is always a “000000” during PAL opera-
tion. Data written to this register is ignored.
000000B
TABLE 47. WSS_EVEN_A DATA REGISTER
SUB ADDRESS = 27H
BIT
NO.
FUNCTION
DESCRIPTION
RESET
STATE
7-0
Even Field
WSS Data
If even field WSS is enabled and present, this register is loaded with the first eight bits of
WSS information on line 280, 283, or 336. Bit 0 corresponds to the first bit of WSS infor-
mation. Data written to this register is ignored.
00H
HMP8116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com