| Electronic Components Datasheet Search |
|
HMPVIDEVALISA Datasheet(PDF) 13 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
HMPVIDEVALISA Datasheet(HTML) 13 Page - Intersil Corporation |
|
13 / 43 page ![]() 13 If DVLD_LTC=1 and DVLD_DCYC=1, DVALID is present during the entire line time on all scan lines. DVALID is asserted during the blanking intervals as needed to ensure a constant number of total samples per line. The timing for this mode differs from the timing shown in figures 13 and 14 only in that DVALID will also be asserted during the blanking por- tion of the video line time as described above. If 16-bit YCbCr, 15-bit RGB data, or 16-bit RGB data is gen- erated, it is output following the rising edge of CLK2 while DVALID is asserted. Either linear or gamma-corrected RGB data may be output. The pixel output timing is shown in Fig- ures 11 to 14. BLANK, HSYNC, VSYNC, DVALID, VBIVALID, and FIELD are output following the rising edge of CLK2. When BLANK is asserted and VBIVALID is deasserted, the YCbCr outputs have a value of 16 for Y and 128 for Cb and Cr; the RGB out- puts have a value of 0. NOTES: 12. Y0 is the first active luminance pixel data of a line. Cb0 and Cr0 are first active chrominance pixel data in a line. Cb and Cr will alternate every cycle due to the 4:2:2 subsampling. 13. BLANK is asserted per Figure 8. FIGURE 11. OUTPUT TIMING FOR 16-BIT YCbCr MODE (DVLD_LTC = 0, DVLD_DCYC = 0) Y0 Cb0 CLK DVALID BLANK P15-P8 P7-P0 tDVLD Y1 Y2 Y3 Y4 Cr0 Cb2 Cr2 Cb4 NOTE: 14. BLANK is asserted per Figure 8. FIGURE 12. OUTPUT TIMING FOR 16-BIT [15-BIT] RGB MODE (DVLD_LTC = 0, DVLD_DCYC = 0) R0 G0 CLK DVALID P15-P11 P10-P5 tDVLD R1 R2 R3 R4 G1 G2 G3 G4 B0 P4-P0 B1 B2 B3 B4 [P9-P5] [P14-P10] HMP8116 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |