Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMPVIDEVALISA Datasheet(PDF) 12 Page - Intersil Corporation

Part # HMPVIDEVALISA
Description  NTSC/PAL Video Decoder
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMPVIDEVALISA Datasheet(HTML) 12 Page - Intersil Corporation

Back Button HMPVIDEVALISA Datasheet HTML 8Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 9Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 10Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 11Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 12Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 13Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 14Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 15Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
12
ures 9 and 10.
BLANK, HSYNC, VSYNC, DVALID, VBIVALID, and FIELD
are output following the rising edge of CLK2. When BLANK
is asserted and VBIVALID is deasserted, the YCbCr outputs
have a value of 16 for Y and 128 for Cb and Cr.
16-BIT YCbCr, 15-BIT RGB, OR 16-RGB OUTPUT
In these output modes, DVALID may be configured to oper-
ate in one of four modes as controlled by the DVLD_LTC and
DVLD_DCYC bits of the GENLOCK CONTROL register
(04H). Bit 4 is the DVLD_LTC bit and bit 5 is the
DVLD_DCYC bit.
If DVLD_LTC=0 and DVLD_DCYC=0 , DVALID is present
only during the active video time on active scan lines. Thus,
DVALID being asserted indicates valid pixel data is present
on the P0-P15 pixel outputs. DVALID is never asserted dur-
ing the blanking intervals. In this mode DVALID will have a
50% duty cycle only during the active video times. The tim-
ing diagrams for this mode can be found in figures 11 and
12.
If DVLD_LTC=0 and DVLD_DCYC=1, DVALID behaves the
same as the first mode, with the exception that DVALID does
not have a 50% duty cycle. This mode is intended for back-
ward compatibility with HMP8112(A) timing dependancies in
which DVALID did not have a 50% duty cycle timing and
other timing variations. The timing diagrams for this mode
can be found in figures 13 and 14.
If DVLD_LTC=1 and DVLD_DCYC=0, DVALID is present the
entire line time on all scan lines. DVALID may occasionally
be negated for two consecutive CLK2 cycles just prior to
active video. In this mode DVALID is guaranteed have a 50%
duty cycle only during the active video times. The timing for
this mode differs from the timing shown in figures 11 and 12
only in that DVALID will also be asserted during the blanking
portion of the video line time as described above.
NOTE:
9. Y0 is the first active luminance pixel data of a line. Cb0 and Cr0 are first active chrominance pixel data in a line. Cb and Cr will alternate
every cycle due to the 4:2:2 subsampling. Pixel data is not output during the blanking period, but the values on the ports are forced to
blanking levels.
FIGURE 9. OUTPUT TIMING FOR 8-BIT YCbCr MODE (DVLD_LTC = 0)
CLK
DVALID
P[15-8]
tDVLD
Cb0
Y0
Cr0
Cb2
Y2
Cr2
Y1
Y3
Cb4
Y4
BLANK
CLK
DVALID
P[15-8]
tDVLD
Cb0
Y0
Cr0
Cb2
Y2
Cr2
Y1
Y3
Cb4
NOTES:
10. Y0 is the first active luminance pixel data of a line. Cb0 and Cr0 are first active chrominance pixel data in a line. Cb and Cr will alternate
every cycle due to the 4:2:2 subsampling. Pixel data is not output during the blanking period, but the values on the ports are forced to
blanking levels.
11. When DVLD_LTC is set to 1, the polarity of DVALID needs to be set to active low, otherwise DVALID will stay low during active video and
be gated with the clock only during the blanking interval.
FIGURE 10. OUTPUT TIMING FOR 8-BIT YCbCr MODE (DVLD_LTC = 1)
Y4
BLANK
HMP8116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com