Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMPVIDEVALISA Datasheet(PDF) 41 Page - Intersil Corporation

Part # HMPVIDEVALISA
Description  NTSC/PAL Video Decoder
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMPVIDEVALISA Datasheet(HTML) 41 Page - Intersil Corporation

Back Button HMPVIDEVALISA Datasheet HTML 35Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 36Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 37Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 38Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 39Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 40Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 41Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 42Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 43Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
41
Output Logic Low Voltage
VOL
IOL = 3mA, VCC = Min
0
-
0.4
V
Input Leakage Current
IIH, IIL
VCC = Max
Input = 0V or 5V
--
10
µA
Input/Output Capacitance
CIN, COUT
SCL = 400kHz, (Note 2)
All Measurements Referenced
to GND, TA = 25
oC
-8-
pF
AC CHARACTERISTICS: DIGITAL I/O (EXCEPT I2C INTERFACE)
CLK2 Frequency
20
-
29.5
MHz
CLK2 Waveform Symmetry
(Note 2)
40
-
60
%
CLK2 Pulse Width High
tPWH
13
-
-
ns
CLK2 Pulse Width Low
tPWL
13
-
-
ns
Data and Control Setup Time
tSU
(Note 3)
10
-
-
ns
Data and Control Hold Time
tHD
0-
-
ns
CLK2 to Output Delay
tDVLD
058
ns
Data and Control Rise/Fall Time
tr, tf
(Note 2)
-
2
6
ns
AC CHARACTERISTICS: I2C INTERFACE
SCL Clock Frequency
fSCL
0
-
400
kHz
SCL Pulse Width Low
tLOW
1.3
-
-
µs
SCL Pulse Width High
tHIGH
0.6
-
-
µs
Data Hold Time
tHD:DATA
0-
-
ns
Data Setup Time
tSU:DATA
100
-
-
ns
SDA, SCL Rise Time
tR
(Note 2)
-
-
300
ns
SDA, SCL Fall Time
tF
-
-
300
ns
ANALOG INPUT PERFORMANCE
Composite Video Input Amplitude
(Sync Tip to White Level)
Input Termination of 75
Ω and
1.0
µF AC-Coupled
0.5
1.0
2.0
VP-P
Luminance (Y) Video
Input Amplitude
(Sync Tip to White Level)
Input Termination of 75
Ω and
1.0
µF AC-Coupled
0.5
1.0
2.0
VP-P
Chrominance (C) Video Input
Amplitude (Burst Amplitude)
Input Termination of 75
Ω and
1.0
µF AC-Coupled, Note 2
0.143
0.286
0.6
VP-P
Video Input Impedance
RAIN
Note 2
200
-
-
k
Ω
Video Input Bandwidth
BW
1VP-P Sine Wave Input to
-3dBc Reduction, (Note 2)
5
-
-
MHz
ADC Input Range
AIN FULL SCALE
-
1
-
VP-P
AIN OFFSET
-
1.5
-
V
ADC Integral Nonlinearity
INL
Best Fit Linearity
-
2
-
LSB
ADC Differential Nonlinearity
DNL
-
0.35
-
LSB
VIDEO PERFORMANCE
Differential Gain
DG
Modulated Ramp (Note 2)
-
2
-
%
Differential Phase
DP
-
1
-
Deg.
Hue Accuracy
75% Color Bars (Note 2)
-
2
-
Deg.
Color Saturation Accuracy
-
2
-
%
Electrical Specifications
VCC = VAA = 5.0V, TA = 25
oC (Continued)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
HMP8116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com