Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMPVIDEVALISA Datasheet(PDF) 39 Page - Intersil Corporation

Part # HMPVIDEVALISA
Description  NTSC/PAL Video Decoder
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMPVIDEVALISA Datasheet(HTML) 39 Page - Intersil Corporation

Back Button HMPVIDEVALISA Datasheet HTML 35Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 36Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 37Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 38Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 39Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 40Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 41Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 42Page - Intersil Corporation HMPVIDEVALISA Datasheet HTML 43Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
39
power plane. The analog power plane should be connected
to the board’s normal VCC power plane at a single point
though a low-resistance ferrite bead, such as a Ferroxcube
5659065-3B, Fair-Rite 2743001111, or TDK BF45-4001. The
ferrite bead provides resistance to switching currents,
improving the performance of HMP8116. A single 47
µF
capacitor should also be used between the analog power
plane and the ground plane to control low-frequency power
supply ripple.
If a separate linear regulator is used to provide power to the
analog power plane, the power-up sequence should be
designed to ensure latchup will not occur. A separate linear reg-
ulator is recommended if the power supply noise on the VAA
pins exceeds 200mV.
Analog Signals
Traces containing digital signals should not be routed over,
under, or adjacent to the analog output traces to minimize
crosstalk. If this is not possible, coupling can be minimized
by routing the digital signals at a 90 degree angle to the ana-
log signals. The analog input traces should also not overlay
the VAA power plane to maximize high-frequency power sup-
ply rejection.
EVALUATION BOARD
HMPVIDEVAL/ISA
The HMPVIDEVAL/ISA evaluation board allows connecting
the HMP8116 into a PC ISA slot for evaluation. It includes
the HMP8115 NTSC/PAL decoder, 3MB of VRAM, and a
NTSC/PAL encoder. The board accepts composite or S-
video input and displays video on a standard TV. The ISA
bus and evaluation software allow easy performance evalua-
tion of the HMP8116 using tools such as the Tektronix
VM700 video test system.
RELATED APPLICATION NOTES
Application Notes are also available on the Harris Multime-
dia web site at http://www.semi.harris.com/mmedia.
AN9644: Composite Video Separation Techniques
AN9716: Widescreen Signalling
AN9717: YCbCr to RGB Considerations
AN9728: BT.656 Video Interface for ICs
AN9738: VMI Video Interface for ICs
R4
75
R8
50
C12
15pF
27MHz
64
63
60
58
57
56
55
54
P15
P14
P13
P12
P11
P10
P9
P8
65
66
67
71
70
BLANK
DVALID
FIELD
HSYNC
VSYNC
RESET
SDA
SCL
CLK2
YOUT
YIN
LCAP
CCAP
RSET
REF_CAP
CVBS 1
CVBS 2
CVBS 3 (Y)
C
U1
P7
P6
P5
P4
P3
P2
P1
P0
51
50
49
48
47
45
43
42
P[15..8]
P[7..0]
R16
4K
R17
4K
VCC
RESET
27MHz
SCL
34
40
41
38
7
6
5
19
9
8
78
SDA
BLANK
DVALID
FIELD
HSYNC
C1
1.0
µF
CVBS1
CHROMA
76
29
28
C8
1.0
µF
R6
12K
C7
0.1
µF
C6
0.1
µF
R3
75
CVBS2
CVBS3/Y
R2
75
R1
75
C2
1.0
µF
C3
1.0
µF
ANTI-ALIAS
C4
1.0
µF
FILTER
ANTI-ALIAS
FILTER
61
VBIVALID
FIGURE 21. HMP8116 REFERENCE SCHEMATICS
VSYNC
VBIVALID
44
INTREQ
INTREQ
VCC
RP1
10K
VCC
HMP8116
HMP8116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com