Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4208 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4208
Description  package description and recommendations for use
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4208 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4208 Datasheet HTML 3Page - STMicroelectronics AN4208 Datasheet HTML 4Page - STMicroelectronics AN4208 Datasheet HTML 5Page - STMicroelectronics AN4208 Datasheet HTML 6Page - STMicroelectronics AN4208 Datasheet HTML 7Page - STMicroelectronics AN4208 Datasheet HTML 8Page - STMicroelectronics AN4208 Datasheet HTML 9Page - STMicroelectronics AN4208 Datasheet HTML 10Page - STMicroelectronics AN4208 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DocID023948 Rev 1
7/16
AN4208
Packing specifications and labeling description
16
3.4
Final packing
Each reel is heat sealed under inert atmosphere in a transparent, recyclable and anti static
polyethylene bag (minimum of 4 mils material thickness).
Reels are then packed in cardboard boxes.
The complete description for packing is shown on Figure 7.
Figure 7. Packing flow chart.
3.5
Labeling
To ensure component traceability, labels are stuck on the reels and the cardboard box. The
seven inch reels and the cardboard box are identified by labels including part number,
shipped quantity and traceability references (Figure 8).
The traceability is ensured for each production lot and each shipment lot through the
labeling.
The trace code number printed on the labels ensures backward traceability from the lot
received by the customer at each step of the process - in / out dates and quantity at
diffusion, assembly, test and final store. Likewise, forward traceability is able to trace a lot
history from the wafer fab to the customer’s location.
Figure 8. Example of a reel label
dice into
the reel
Reel in a sealed
plastic bag within
inert atmosphere
The reel in its bag is packed in a
cardbox for storage & shipment
36 mm ± 5
Assembled in
Moisture sensitivity level
Perforation line
First type line - commercial product
Second type line - finished goods
Bulk quantity
1st Trace code line
2nd Trace code line
Marking
Bulk Id number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com