Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4208 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4208
Description  package description and recommendations for use
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4208 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4208 Datasheet HTML 5Page - STMicroelectronics AN4208 Datasheet HTML 6Page - STMicroelectronics AN4208 Datasheet HTML 7Page - STMicroelectronics AN4208 Datasheet HTML 8Page - STMicroelectronics AN4208 Datasheet HTML 9Page - STMicroelectronics AN4208 Datasheet HTML 10Page - STMicroelectronics AN4208 Datasheet HTML 11Page - STMicroelectronics AN4208 Datasheet HTML 12Page - STMicroelectronics AN4208 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DocID023948 Rev 1
9/16
AN4208
Recommended storage, shipping instructions and descriptions
16
4
Recommended storage, shipping instructions and
descriptions
Flip-Chip reels are packed under inert N2 atmosphere in a sealed bag. For shipment and
handling, reels are packed in a cardboard box.
STMicroelectronics thus recommends the following shipping and storage conditions:
relative humidity between 15% and 70%
temperature range from -55 °C to +150 °C
Components in a non opened sealed bag can be stored 6 months after shipment.
Components in tape and reel must be protected from exposure to direct sunlight.
Moisture sensitivity level (MSL as per JEDEC J-STD-020C) is not applicable to Flip-Chip
devices since there is no plastic encapsulation and so no risk of moisture absorption and
related possible package cracks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com