Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4208 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN4208
Description  package description and recommendations for use
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4208 Datasheet(HTML) 2 Page - STMicroelectronics

  AN4208 Datasheet HTML 1Page - STMicroelectronics AN4208 Datasheet HTML 2Page - STMicroelectronics AN4208 Datasheet HTML 3Page - STMicroelectronics AN4208 Datasheet HTML 4Page - STMicroelectronics AN4208 Datasheet HTML 5Page - STMicroelectronics AN4208 Datasheet HTML 6Page - STMicroelectronics AN4208 Datasheet HTML 7Page - STMicroelectronics AN4208 Datasheet HTML 8Page - STMicroelectronics AN4208 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Product description
AN4208
2/16
DocID023948 Rev 1
1
Product description
Flip Chips are manufactured with a wafer level process that STMicroelectronics has
developed by attaching solder bumps on I/O pads of the active wafer side, thus allowing
bumped dice to be produced. The I/O contact layout can be either matrix shape or set in
periphery. No redistribution layer is used. This allows parasitic inductances coming from the
redistribution metal tracks to be minimized.
Lead-free bump composition is 96.5% Sn, 3% Ag, 0.5% Cu. This is fully compatible with
standard lead-free reflow processes. The bump dimension (175 µm bump diameter) allows
the pick and place process to be compatible with existing equipment (in particular with
equipment used for Ball Grid Array - BGA packages) and makes it also compatible with the
PCB design rules used for standard ICs.
Optional coating on the flat side of the package is available.
These components are delivered in tape and reel packing with the bumps turned down
(placed on the bottom of the carrier tape cavity). The other face of the component is flat and
allows picking as in the standard SMD packages.
Devices are 100% electrically tested before packing. The product references are marked
on the flat side of the device.
2
Mechanical description
Mechanical dimensions of Flip Chips are provided through a product example in Figure 2.
Bumps are lead-free. Bump composition is 98.25% Sn, 1.2% Ag, 0.5% Cu, 0.05% Ni alloy
with a near eutectic melting point of 218 to 227 °C. Die size and bump count are adapted to
the connection requirements.
Figure 2. Mechanical dimensions of a 2 x 2 bump matrix array.
Note:
The package height of 0.605 mm (0.650 mm for optionally coated packages) is valid for a
die thickness of 0.48 mm.
172 µm
645 µm ± 30 µm
175 µm ± 20 µm
120µm
300 µm ± 30
605 µm ± 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com